Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BRY55 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. BRY55
Description  SCRs 0.8 AMPERE RMS 30 TO 600 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

BRY55 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
PNPN devices designed for high volume, line-powered consumer applications such
as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and
sensing and detection circuits. Supplied in an inexpensive TO-226AA (TO-92)
package which is readily adaptable for use in automatic insertion equipment.
• Sensitive Gate Trigger Current — 200 µA Maximum
• Low Reverse and Forward Blocking Current — 100 µA Maximum, TC = 125°C
• Low Holding Current — 5 mA Maximum
• Glass-Passivated Surface for Reliability and Uniformity
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(RGK = 1000 Ω, TJ = 25 to 125°C)
Marking: BRY55-1 . . . BRY55-30
-2 . . . BRY55-60
-3 . . . BRY55-100
-4 . . . BRY55-200
-6 . . . BRY55-400
-7 . . . BRY55-500
-8 . . . BRY55-600
VRRM, VDRM
30
60
100
200
400
500
600
Volts
Forward Current RMS (All Conduction Angles)
IT(RMS)
0.8
Amp
Peak Forward Surge Current, TA = 25°C
(1/2 Cycle, Sine Wave, 60 Hz)
ITSM
8
Amps
Circuit Fusing Considerations, TA = 25°C
(t = 8.3 ms)
I2t
0.15
A2s
Peak Gate Power — Forward, TA = 25°C
PGM
0.1
Watt
Peak Gate Current Forward, TA = 25°C
(300
µs, 120 PPS)
IGFM
1
Amp
Peak Gate Voltage — Reverse
VGRM
5
Volts
Operating Junction Temperature Range @ Rated VRRM and VDRM
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Lead Solder Temperature (
t1.5 mm from case, 10 s max.)
+230
°C
*European part numbers only. Package is Case 29 with Leadform 18.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
Order this document
by BRY55-30/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
BRY55-30
thru 600
CASE 29-04
(TO-226AA)
STYLE 3
WITH TO-18 LEADFORM*
SCRs
0.8 AMPERE RMS
30 TO 600 VOLTS
*
*


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn