Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-156HYG Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-156HYG
Description  Series 156 - 1206 low current green 572 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-156HYG Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-156HYG Datasheet HTML 1Page - OSA Opto Light GmbH OLS-156HYG Datasheet HTML 2Page - OSA Opto Light GmbH OLS-156HYG Datasheet HTML 3Page - OSA Opto Light GmbH OLS-156HYG Datasheet HTML 4Page - OSA Opto Light GmbH OLS-156HYG Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm
- low current
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- taping: face-up (T) or face-down (TD) possible
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
50
4
100
450
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-156 HYG
hyper green
cathode
2
2,0
2,6
572
2.0
5.0
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 156 - 1206 low current
green 572 nm
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-156HYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HY-C-T OSA-OLS-156HY-C-T Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HY-C-TD OSA-OLS-156HY-C-TD Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HY-CD-T OSA-OLS-156HY-CD-T Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HY-CD-TD OSA-OLS-156HY-CD-TD Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
More results

Similar Description - OLS-156HYG

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150HYG OSA-OLS-150HYG Datasheet
121Kb / 5P
   Series 150 - 1206 Standard green 572 nm
OLS-156UR OSA-OLS-156UR Datasheet
121Kb / 5P
   Series 156 - 1206 low current red 650 nm
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-250HYG OSA-OLS-250HYG Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
OLS-330HYG OSA-OLS-330HYG Datasheet
128Kb / 5P
   Series 330 - 1206 with Lens green 572 nm
OLS-216HYG OSA-OLS-216HYG Datasheet
124Kb / 5P
   Series 216 - side view - low current green 572 nm
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-345HYG OSA-OLS-345HYG Datasheet
122Kb / 5P
   Series 345 - 1206 Sqint-LED 45째 green 572 nm
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
   Series 156 - 1206 low current low cost
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com