Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT8900B300TBIT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT8900B300TBIT3
Description  Precision Analog Voltage References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT8900B300TBIT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT8900B300TBIT3 Datasheet HTML 1Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 2Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 3Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 4Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 5Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 6Page - ON Semiconductor CAT8900B300TBIT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 1
1
Publication Order Number:
CAT8900/D
CAT8900
Precision Analog Voltage
References
The CAT8900 is a high precision voltage reference providing very
accurate voltage regulation with low supply current consumption.
CAT8900 is ideal for use in battery powered systems where
operating current needs to be minimized and there can be a great
variation in supply voltages. It will source or sink up to 10 mA of load
current, and can for most applications, forgo the use of an output
bypass capacitor. The device is supplied in a space saving three
terminal SOT−23 package.
Features
Reference Voltages:
1.024 V, 1.200 V, 1.250 V, 1.800 V,
2.048 V, 2.500 V, 2.600 V,
3.000 V, 3.300 V
Low Supply Current: 450 nA (Typical)
Initial Accuracy:
Class A:
± 0.5 mV
Class B:
± 1.0 mV
Class C:
± 2.5 mV
Class D:
± 5.0 mV
Drift Performance: 20 ppm/°C
SOT−23 3−Lead Package
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Typical Applications
Battery Powered Systems
A/D and D/A Converters
Precision Regulator Systems
Power Supplies
Portable Medical Equipment
GND
CAT8900
C
0.1 mF
VIN
VIN
VOUT
VOUT
Figure 1. Application Circuit
http://onsemi.com
PIN CONNECTIONS
GND
VIN
1
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOT23−3
TP, TB SUFFIX
CASE 527AG
S3 = Specific Device Code
Y = Production Year
= (Last Digit)
M = Production Month
= (1 − 9, A, B, C)
MARKING DIAGRAM
S3YM
1
2
3
VOUT
2
3
PIN FUNCTIONS
Pin Name
VIN
Function
Supply Voltage Input
VOUT
Output Voltage
GND
Ground
1
2
3
Pin No.


Similar Part No. - CAT8900B300TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B300TBGT3 ONSEMI-CAT8900B300TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
More results

Similar Description - CAT8900B300TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com