Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUS4195PZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLUS4195PZ
Description  Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS4195PZ Datasheet(HTML) 3 Page - ON Semiconductor

  NTLUS4195PZ Datasheet HTML 1Page - ON Semiconductor NTLUS4195PZ Datasheet HTML 2Page - ON Semiconductor NTLUS4195PZ Datasheet HTML 3Page - ON Semiconductor NTLUS4195PZ Datasheet HTML 4Page - ON Semiconductor NTLUS4195PZ Datasheet HTML 5Page - ON Semiconductor NTLUS4195PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLUS4195PZ
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
4.0
3.5
3.0
2.0
1.5
1.0
0.5
0
0
2
4
6
10
14
18
20
3.5
4
3
2.5
2
1.5
1
0
1
2
4
5
6
9
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−VGS, GATE VOLTAGE (V)
−ID, DRAIN CURRENT (A)
9.0
8.0
10
7.0
6.0
5.0
4.0
3.0
0.050
0.075
0.100
0.125
0.150
0.200
0.225
0.250
16
14
12
8
6
4
2
0
0
0.025
0.050
0.100
0.125
0.175
0.200
0.250
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.6
0.8
0.9
1.1
1.2
1.3
1.4
1.6
20
15
10
5
0
1
10
100
1000
2.5
5.0
8
12
16
VGS = −10 V
−9.0 V
−8.0 V
−5.0 V
−4.5 V
−3.0 V
−3.5 V
−2.5 V
VDS ≤ −10 V
3
7
8
TJ = 25°C
TJ = −55°C
TJ = 125°C
0.175
ID = −3.0 A
TJ = 25°C
10
18
20
0.075
0.150
0.225
TJ = 25°C
VGS = −4.5 V
VGS = −10 V
ID = −3.0 A
150
1.0
1.5
TJ = 85°C
TJ = 150°C
TJ = 125°C
4.5
−4.0 V
−6.0 V
−7.0 V
4.5
5
VGS = −10 V
0.7
VGS = −4.5 V
ID = −2.0 A
30
25


Similar Part No. - NTLUS4195PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS4930N ONSEMI-NTLUS4930N Datasheet
125Kb / 7P
   Power MOSFET 30 V, 6.1 A, Single N?묬hannel, 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS4930N-D ONSEMI-NTLUS4930N-D Datasheet
125Kb / 7P
   Power MOSFET 30 V, 6.1 A, Single N?묬hannel 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS4930NTAG ONSEMI-NTLUS4930NTAG Datasheet
125Kb / 7P
   Power MOSFET 30 V, 6.1 A, Single N?묬hannel, 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS4930NTBG ONSEMI-NTLUS4930NTBG Datasheet
125Kb / 7P
   Power MOSFET 30 V, 6.1 A, Single N?묬hannel, 2.0x2.0x0.55 mm Cool UDFN6 Package
February, 2013 ??Rev. 1
NTLUS4C12N ONSEMI-NTLUS4C12N Datasheet
129Kb / 6P
   Power MOSFET
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com