Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUF4189NZTBG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTLUF4189NZTBG
Description  Power MOSFET and Schottky Diode 30 V, N?묬hannel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUF4189NZTBG Datasheet(HTML) 8 Page - ON Semiconductor

  NTLUF4189NZTBG Datasheet HTML 1Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 2Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 3Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 4Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 5Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 6Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 7Page - ON Semiconductor NTLUF4189NZTBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTLUF4189NZ
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN6 1.6x1.6, 0.5P
CASE 517AT−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D1
E1
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
6X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
6X
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
K
6X
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.20
0.30
D
1.60 BSC
D1
1.14
1.34
E
1.60 BSC
E1
0.54
0.74
e
0.50 BSC
K
0.20
−−−
L
0.15
0.35
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
MOUNTING FOOTPRINT*
L1
DETAIL A
A1
A3
DETAIL B
OPTIONAL
MOLD CMPD
EXPOSED Cu
L
CONSTRUCTION
OPTIONAL
CONSTRUCTION
DETAIL B
DETAIL A
1.34
0.74
0.50 PITCH
0.48
6X
1.90
DIMENSIONS: MILLIMETERS
0.32
1
6X
SOLDERMASK DEFINED
L1
−−−
0.10
D2
0.38
0.58
D2
2X
0.58
2X
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NTLUF4189NZ/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTLUF4189NZTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3191PZ ONSEMI-NTLUD3191PZ Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTAG ONSEMI-NTLUD3191PZTAG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTBG ONSEMI-NTLUD3191PZTBG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3A260PZ ONSEMI-NTLUD3A260PZ Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com