Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUF4189NZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLUF4189NZ
Description  Power MOSFET and Schottky Diode 30 V, N?묬hannel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUF4189NZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTLUF4189NZ Datasheet HTML 1Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 2Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 3Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 4Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 5Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 6Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 7Page - ON Semiconductor NTLUF4189NZ Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTLUF4189NZ
http://onsemi.com
2
DEVICE ORDERING INFORMATION
Device
Package
Shipping
NTLUF4189NZTAG
UDFN6
(Pb−Free)
3000 / Tape & Reel
NTLUF4189NZTBG
UDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Schottky Diode Maximum Ratings (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Peak Repetitive Reverse Voltage
VRRM
30
V
DC Blocking Voltage
VR
30
V
Average Rectified Forward Current
IF
0.5
A
Thermal Resistance Ratings
Parameter
Symbol
Max
Units
Junction-to-Ambient – Steady State (Note 3)
RθJA
155
°C/W
Junction-to-Ambient – t ≤ 5 s (Note 3)
RθJA
100
Junction-to-Ambient – Steady State min Pad (Note 4)
RθJA
245
MOSFET Electrical Characteristics (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 μA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = 250 μA, ref to 25°C
22
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 85°C
10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ± 8.0 V
10
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.4
1.1
1.5
V
Negative Threshold Temp. Coefficient
VGS(TH)/TJ
3.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 1.5 A
145
200
mW
VGS = 3.0 V, ID = 0.5 A
185
250
VGS = 2.5 V, ID = 0.5 A
220
350
Forward Transconductance
gFS
VDS = 4.0 V, ID = 0.15 A
1.1
S
CHARGES & CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = 15 V
95
pF
Output Capacitance
COSS
15
Reverse Transfer Capacitance
CRSS
10
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V;
ID = 1.5 A
1.4
3.0
nC
Threshold Gate Charge
QG(TH)
0.2
Gate-to-Source Charge
QGS
0.4
Gate-to-Drain Charge
QGD
0.4
3. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces)
4. Surface-mounted on FR4 board using the minimum recommended pad size of 30 mm2, 2 oz. Cu.
5. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%
6. Switching characteristics are independent of operating junction temperatures


Similar Part No. - NTLUF4189NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3191PZ ONSEMI-NTLUD3191PZ Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTAG ONSEMI-NTLUD3191PZTAG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTBG ONSEMI-NTLUD3191PZTBG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3A260PZ ONSEMI-NTLUD3A260PZ Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com