Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4910N-35G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD4910N-35G
Description  Power MOSFET 30 V, 37 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4910N-35G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD4910N-35G Datasheet HTML 1Page - ON Semiconductor NTD4910N-35G Datasheet HTML 2Page - ON Semiconductor NTD4910N-35G Datasheet HTML 3Page - ON Semiconductor NTD4910N-35G Datasheet HTML 4Page - ON Semiconductor NTD4910N-35G Datasheet HTML 5Page - ON Semiconductor NTD4910N-35G Datasheet HTML 6Page - ON Semiconductor NTD4910N-35G Datasheet HTML 7Page - ON Semiconductor NTD4910N-35G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD4910N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
3.2 V
3.4 V
7 V
10 V
4.5
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
4
3
2
1
0
0
10
20
30
50
60
4.0
3.5
3.0
2.5
2.0
0
20
30
50
60
Figure 3. On−Resistance vs. VGS
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS (V)
ID, DRAIN CURRENT (A)
9.0
8.0
7.0
10
6.0
5.0
4.0
3.0
0.004
0.006
0.008
0.010
0.012
0.016
0.020
55
45
35
25
15
0.004
0.005
0.006
0.007
0.010
0.011
0.012
0.014
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
30
25
20
15
10
5
10
100
1000
10,000
40
VGS = 3.6 V
4.2
3.8 V
3.0 V
2.8 V
2.6 V
2.4 V
TJ = 25°C
VDS = 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
0.014
0.008
0.009
0.013
ID = 30 A
TJ = 25°C
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
50
175
ID = 30 A
VGS = 10 V
VGS = 0 V
TJ = 85°C
TJ = 150°C
TJ = 125°C
4.0
10
40
0.018


Similar Part No. - NTD4910N-35G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4910N-35G VBSEMI-NTD4910N-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4910N-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com