Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4910N-35G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD4910N-35G
Description  Power MOSFET 30 V, 37 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4910N-35G Datasheet(HTML) 6 Page - ON Semiconductor

  NTD4910N-35G Datasheet HTML 1Page - ON Semiconductor NTD4910N-35G Datasheet HTML 2Page - ON Semiconductor NTD4910N-35G Datasheet HTML 3Page - ON Semiconductor NTD4910N-35G Datasheet HTML 4Page - ON Semiconductor NTD4910N-35G Datasheet HTML 5Page - ON Semiconductor NTD4910N-35G Datasheet HTML 6Page - ON Semiconductor NTD4910N-35G Datasheet HTML 7Page - ON Semiconductor NTD4910N-35G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD4910N
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 13. FET Thermal Response
PULSE TIME (sec)
0.01
0.001
0.0001
0.00001
0.000001
0.001
0.01
0.1
1
10
100
Figure 14. GFS vs. ID
ID (A)
40
30
10
0
0
10
20
30
40
50
70
0.1
1
10
100
1000
10%
Duty Cycle = 50%
20%
5%
2%
1%
Single Pulse
Psi Tab−A
20
60
50
60
VDS = 1.5 V


Similar Part No. - NTD4910N-35G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4910N-35G VBSEMI-NTD4910N-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4910N-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com