Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-150SYG-C-TD Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-150SYG-C-TD
Description  Series 150 - 1206 Standard low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-150SYG-C-TD Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-150SYG-C-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-150SYG-C-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-150SYG-C-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-150SYG-C-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-150SYG-C-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-150 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-150SYG-C-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150SR-C-T OSA-OLS-150SR-C-T Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150SR-C-TD OSA-OLS-150SR-C-TD Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150SR-CD-T OSA-OLS-150SR-CD-T Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150SR-CD-TD OSA-OLS-150SR-CD-TD Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150SR-X-T OSA-OLS-150SR-X-T Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
More results

Similar Description - OLS-150SYG-C-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150UW OSA-OLS-150UW Datasheet
143Kb / 5P
   Series 150 - 1206 Standard white
OLS-150BA460 OSA-OLS-150BA460 Datasheet
132Kb / 5P
   Series 150 - 1206 Standard blue
OLS-150HYG OSA-OLS-150HYG Datasheet
121Kb / 5P
   Series 150 - 1206 Standard green 572 nm
OLS-150UR OSA-OLS-150UR Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OLS-156R OSA-OLS-156R Datasheet
124Kb / 5P
   Series 156 - 1206 low current low cost
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-250R OSA-OLS-250R Datasheet
129Kb / 5P
   Series 250 - 1206 lower height low cost
OLS-330R OSA-OLS-330R Datasheet
134Kb / 5P
   Series 330 - 1206 with Lens low cost
OLS-152R OSA-OLS-152R Datasheet
130Kb / 5P
   Series 152 - 1206 - Bipolar monocolor low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com