Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5212AMNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5212AMNTXG
Description  Single Synchronous Step-Down Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5212AMNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5212AMNTXG Datasheet HTML 3Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 4Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 5Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 6Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 7Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 8Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 9Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 10Page - ON Semiconductor NCP5212AMNTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NCP5212A, NCP5212T
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, TA =−40°C to 85°C, unless other noted)
Characteristics
Unit
Max
Typ
Min
Test Conditions
Symbol
OSCILLATOR
Operation Frequency
FSW
270
300
330
kHz
OVERCURRENT THRESHOLD
Total Detection Time
TDETECT
Period of FB shorts to ground before
SS
1.26
1.92
2.21
ms
OCSET Detection Time
T_OCDET
(Note 2)
1.09
1.47
ms
INTERNAL SOFT−START
Soft−Start Time
TSS
0.9
1.1
1.3
ms
VOLTAGE ERROR AMPLIFIER
DC Gain
GAIN_VEA
(Note 2)
88
dB
Unity Gain Bandwidth
BW_VEA
(Note 2)
15
MHz
Slew Rate
SR_VEA
COMP PIN TO GND = 100 pF
(Note 2)
2.5
V/ms
FB Bias Current
Ibias_FB
0.1
mA
Output Voltage Swing
Vmax_EA
Isource_EA = 2 mA
3.3
3.5
V
Vmin_EA
Isink_EA = 2 mA
0.15
0.3
V
DIFFERENTIAL CURRENT SENSE AMPLIFIER
CS+ and CS− Common−mode Input
Signal Range
VCSCOM_MAX
Refer to AGND
3.5
V
Input Bias Current
CS_IIB
−100
100
nA
Input Signal Range
CS_range
−70
70
mV
Offset Current at IDRP
IDRP_offset
(CS+) − (CS−) = 0 V
−1.0
1.0
mA
[(CS+)−(CS−)] to IDRP Gain
IDRP_GAIN
(IDRP/((CS+)
− (CS−)))
(CS+) − (CS−) =
10 mV, V(IDRP) =
0.8 V
TA = 25°C
0.475
0.525
0.575
mA/mV
TA = −40°C to
85°C
0.425
0.625
mA/mV
Current−Sense Bandwidth
BW_CS
At
3dB to DC Gain (Note 2)
20
MHz
Maximum IDRP Output Voltage
IDRP_Max
(CS+) − (CS−) = 70 mV, Isource drops
to 95% of the value when V(IDRP) =
0.8 V
2.5
V
Minimum IDRP Output Voltage
IDRP_Min
0
V
IDRP Output current
I_IDRP
−1.0
35
mA
OVERCURRENT PROTECTION SETTING
Overcurrent Threshold (OCTH)
Detection Current
I_OCSET
Sourced from OCP before soft−start,
Rocset = 16.7 kW is connected from
OCP to AGND or FB
21.6
24
26.4
mA
Ratio of OC Threshold over OCSET
Votlage
K_OCSET
V((CS+) − (CS−)) / V_OCSET
(Note 2)
0.1
OCSET Voltage for Default Fixed OC
Threshold
VOCSET_DFT
Rocset v 2 kW is connected from
OCP to AGND or FB
100
mV
OCSET Voltage for Adjustable OC
Threshold
VOCSET_ADJ
Rocset = 8.3 ~ 25 kW is connected
from OCP to AGND or FB
200
600
mV
OCSET Voltage for OC Disable
VOCSET_DIS
Rocset w 35 kW is connected from
OCP to AGND or FB
720
mV
Default Fixed OC Threshold
V_OCTH_DFT
(CS+) – (CS−), Pin OCP is shorted to
AGND or FB
35
40
45
mV
2. Guaranteed by design, not tested in production.


Similar Part No. - NCP5212AMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212AMNTXG ONSEMI-NCP5212AMNTXG Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
More results

Similar Description - NCP5212AMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com