Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1654BD133R2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1654BD133R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1654BD133R2G Datasheet HTML 11Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 12Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 13Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 14Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 15Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 16Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 17Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 18Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
NCP1654
http://onsemi.com
15
RboL is low side resistor of the dividing resistors between
Vin and BO pin.
RboU is upper side resistor of the dividing resistors between
Vin and BO pin.
Figure 37. Current Sensing
Gnd
+
RSENSE
IL
RCS
ICS
CS
VCS
NCP1654
+
IL
Refer to Figure 37, sense current Ics is proportional to the
inductor current IL as described in (Equation 11). IL
consists of the high−frequency component (that depends on
di/dt or inductor L) and low−frequency component (that is
IL−50).
(eq. 11)
Ics +
RSENSE
RCS
IL
where
RSENSE is the sense resistor to sense IL.
RCS is the offset resistor between CS pin and RSENSE.
Figure 38. Vcontrol Low−Pass Filtering
+
-
VREF
OTA
6
5
Vcontrol
±20 mA
Vout
+
+
VCONTROL(min)
To Vm Pin
Vfb
RZ
CZ
CP
RfbL
RfbU
Vin
Refer to Figure 38, the Operational Trans−conductance
Amplifier (OTA) senses Vout via the feedback resistor
dividers, RfbU and RfbL. The OTA constructs a control
voltage, Vcontrol, depending on the output power and hence
Vout. The operating range of Vcontrol is from
VCONTROL(min) to VCONTROL(max). The signal used for
PFC duty modulation is after decreasing a offset voltage,
VCONTROL(min), i.e. Vcontrol−VCONTROL(min).
This control current Icontrol is a roughly constant current
that comes from the PFC output voltage Vout that is a slowly
varying signal. The bandwidth of Icontrol can be
additionally limited by inserting the external type−2
compensation components (that are RZ, CZ, and CP as
shown in Figure 38). It is recommended to limit fcontrol, that
is the bandwidth of Vcontrol (or Icontrol), below 20 Hz
typically to achieve power factor correction purpose.
The transformer of Vout to Vcontrol is as described in
(Equation 12) if CZ is >> CP. GEA is the error amplifier gain.
Vcontrol
Vout
+
RfbL @ GEARZ
RfbL ) RfbU
@
1 ) sRZCZ
sRZCZ(1 ) sRZCP)
(eq. 12)
From (Equation 7) − (Equation 11), the input impedance
Zin is re−formulated in (Equation 13).
Zin +
2 RMRSENSEVoutVacKBOIL
2pRCS @ (Vcontrol * VCONTROL(min)) @ VREFIL*50
(eq. 13)
When IL is equal to IL−50, (Equation 13) is re−formulated
in (Equation 14)
Zin +
2 RMRSENSEVoutVacKBO
2pRCS @ (Vcontrol * VCONTROL(min)) @ VREF
(eq. 14)
The multiplier capacitor CM is the one to filter the
high−frequency component of the multiplier voltage Vm.
The high−frequency component is basically coming from
the inductor current IL. On the other hand, the filter
capacitor Cfilter similarly removes the high−frequency
component of inductor current IL. If the capacitors CM and
Cfiltermatch with each other in terms of filtering capability,
IL becomes IL−50. Input impedance Zin is roughly constant
over the bandwidth of 50 or 60 Hz and power factor is
corrected.


Similar Part No. - NCP1654BD133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654BD133R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com