Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP349MNAETBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP349MNAETBG
Description  Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP349MNAETBG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP349MNAETBG Datasheet HTML 1Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 2Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 3Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 4Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 5Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 6Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 7Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 8Page - ON Semiconductor NCP349MNAETBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP349
http://onsemi.com
2
Figure 1. Typical Application Circuit
IN
7
OUT 5
GND
2
6
3
IN
1
OUT 4
NCP349
0
1 mF
10 k
Wall Adapter − AC/DC − USB
BATTERY
0
CC/CV
Charger or
System
VBat
ENABLE/
Microprocessor
EN
FLAG
mP
Figure 2. Functional Block Diagram
INPUT
OUTPUT
UVLO
OVLO
Gate
Driver
FLAG
EN
EN Block
VREF
Charge
Pump
Control
Logic and
Timer
GND
7
1
6
2
3
5
4


Similar Part No. - NCP349MNAETBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP349MNAE ONSEMI-NCP349MNAE Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
More results

Similar Description - NCP349MNAETBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4970 MAXIM-MAX4970 Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com