Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5171TBI-50GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT5171TBI-50GT3
Description  256-Position I2C Compatible Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5171TBI-50GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5171TBI-50GT3 Datasheet HTML 3Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 4Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 5Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 6Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 7Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 8Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 9Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 10Page - ON Semiconductor CAT5171TBI-50GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT5171
http://onsemi.com
7
Basic Operation
The CAT5171 is a 256−position digitally controlled
potentiometer. When power is first applied, the wiper
assumes a mid−scale position. Once the power supply is
stable, the wiper may be repositioned via the I2C compatible
interface.
Programming: Variable Resistor
Rheostat Mode
The resistance between terminals A and B, RAB, has a
nominal value of 50 k
W or 100 kW and has 256 contact
points accessed by the wiper terminal, plus the B terminal
contact. Data in the 8−bit Wiper register is decoded to select
one of these 256 possible settings.
The wiper’s first connection is at the B terminal,
corresponding to control position 0x00. Ideally this would
present a 0
W between the Wiper and B, but just as with a
mechanical rheostat there is a small amount of contact
resistance to be considered, there is a wiper resistance
comprised of the RON of the FET switch connecting the
wiper output with its respective contact point. In CAT5171
this ‘contact’ resistance is typically 50
W. Thus a connection
setting of 0x00 yields a minimum resistance of 50
W
between terminals W and B.
For a 100 k
W device, the second connection, or the first tap
point, corresponds to 441
W (RWB = RAB/256 + RW = 390.6
+ 50
W) for data 0x01. The third connection is the next tap
point, is 831
W (2 x 390.6 + 50 W) for data 0x02, and so on.
Figure 11 shows a simplified equivalent circuit where the
last resistor string will not be accessed; therefore, there is
1 LSB less of the nominal resistance at full scale in addition
to the wiper resistance.
Figure 11. CAT5171 Equivalent DPP Circuit
RS
Wiper
Register
and
Decoder
A
W
B
RS
RS
RS
The equation for determining the digitally programmed
output resistance between W and B is
RWB + D
256
RAB ) RW
(eq. 1)
where D is the decimal equivalent of the binary code loaded
in the 8−bit Wiper register, RAB is the end−to−end
resistance, and RW is the wiper resistance contributed by the
on resistance of the internal switch.
In summary, if RAB = 100 kW and the A terminal is open
circuited, the following output resistance RWB will be set for
the indicated Wiper register codes:
Table 9. CODES AND CORRESPONDING RWB
RESISTANCE FOR RAB = 100 kW, VDD = 5 V
D (Dec.)
RWB (W)
Output State
255
99,559
Full Scale (RAB – 1 LSB + RW)
128
50,050
Midscale
1
441
1 LSB
0
50
Zero Scale
(Wiper Contact Resistance)
Be aware that in the zero−scale position, the wiper
resistance of 50
W is still present. Current flow between W
and B in this condition should be limited to a maximum
pulsed current of no more than 20 mA. Failure to heed this
restriction can cause degradation or possible destruction of
the internal switch contact.
Similar to the mechanical potentiometer, the resistance of
the DPP (Digitally Programmed Potentiometer) between the
wiper W and terminal A also produces a digitally controlled
complementary resistance RWA. When these terminals are
used, the B terminal can be opened. Setting the resistance
value for RWA starts at a maximum value of resistance and
decreases as the data loaded in the latch increases in value.
The general equation for this operation is
RWA(D) +
256 * D
256
RAB ) RW
(eq. 2)
For RAB = 100 kW and the B terminal open circuited, the
following output resistance RWA will be set for the indicated
Wiper register codes.
Table 10. CODES AND CORRESPONDING RWA
RESISTANCE FOR RAB = 100 kW, VDD = 5 V
D (Dec.)
RWA (W)
Output State
255
441
Full Scale
128
50,050
Midscale
1
99,659
1 LSB
0
100,050
Zero Scale
Typical device to device resistance matching is lot
dependent and may vary by up to
±20%.


Similar Part No. - CAT5171TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5171TBI-50GT3 ONSEMI-CAT5171TBI-50GT3 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
CAT5171TBI-50GT3 ONSEMI-CAT5171TBI-50GT3 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
More results

Similar Description - CAT5171TBI-50GT3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5245BRJZ10-RL7 AD-AD5245BRJZ10-RL7 Datasheet
687Kb / 20P
   256-Position I2C짰-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com