Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB15-600T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # UCB15-600T-RC
Description  Ultra Current Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

UCB15-600T-RC Datasheet(HTML) 1 Page - Allied Components International

  UCB15-600T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UCB15
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
Rated
Current
(mA)Max
Allied
Part
Number
Impedance
Tolerance
(%)
Test
Freq.
UCB15-600T-RC
UCB15-700T-RC
UCB15-800T-RC
UCB15-900T-RC
UCB15-101T-RC
60
70
80
90
100
30
30
30
30
30
100
100
100
100
100
.018
.018
0.02
.025
.025
6000
6000
6000
5000
5000
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
UCB15-121T-RC
120
30
100
.025
5000
REVISED 12/29/08
MHz, 200mV
(
Ω)
Ultra Current Beads
Physical
Packaging: 3000 pieces per 7 inch reel
Marking: None
Features
• Ultra High Current
• Triple plated RoHS Compliant
Terminations
Electrical
Impedance range:
60Ω to 120Ω
Test Equipment
Tolerance: 30% over entire range
Operating Temp: -55ºC ~ +125ºC
Also, the rated current is de-rated above 85ºC
(RDC): Chen Hwa 502BC/HP4338B
(Z): HP4291A RF Impedance/Material
Analyzer
• Standard 0805 size
available in tighter tolerances
Rated Current: The current at which the
temperature rise shall be no more that 30ºC
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition:
Sn/Ag3.0/Cu0.5(Pb-Free)
Solder Temp: 260ºC peak for 10 sec. ± 1 sec.
• Excellent Solderability
to approximately 1000mA at 125ºC
Dimensions:
Inches
(mm)


Similar Part No. - UCB15-600T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB15-600T-RC ALLIED-UCB15-600T-RC Datasheet
393Kb / 1P
   Ultra Current Beads
UCB15-600T-RC ALLIED-UCB15-600T-RC Datasheet
394Kb / 1P
   nUltra Current Beads
UCB15-600T-RC ALLIED-UCB15-600T-RC_11 Datasheet
393Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB15-600T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB03 ALLIED-UCB03 Datasheet
390Kb / 1P
   Ultra Current Beads
UCB05 ALLIED-UCB05 Datasheet
390Kb / 1P
   Ultra Current Beads
UCB40 ALLIED-UCB40 Datasheet
345Kb / 1P
   Ultra Current Beads
UCB50-560T-RC ALLIED-UCB50-560T-RC Datasheet
344Kb / 1P
   Ultra Current Beads
UCB50-560T-RC ALLIED-UCB50-560T-RC_10 Datasheet
348Kb / 1P
   Ultra Current Beads
UCB20-110-RC ALLIED-UCB20-110-RC Datasheet
410Kb / 1P
   Ultra Current Beads
UCB04 ALLIED-UCB04 Datasheet
380Kb / 1P
   Ultra Current Beads
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB40-600-RC ALLIED-UCB40-600-RC Datasheet
341Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB15-600T-RC ALLIED-UCB15-600T-RC_11 Datasheet
393Kb / 1P
   Ultra Current Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com