Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS1014-100T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS1014-100T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS1014-100T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS1014-100T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS1014
15
RDC
(Ω)
Max
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS1014-2R2T-RC
PCS1014-2R7T-RC
PCS1014-3R3T-RC
PCS1014-4R7T-RC
PCS1014-6R8T-RC
PCS1014-150T-RC
PCS1014-330T-RC
2.2
2.7
3.3
4.7
6.8
15
33
30
30
30
30
30
30
30
100
100
100
100
100
100
100
0.06
0.06
0.06
0.09
0.11
0.24
0.50
2.8
2.8
2.8
2.3
2.0
1.4
0.9
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS1014-100T-RC
10
30
100
0.17
1.8
PCS1014-220T-RC
22
30
100
0.33
1.2
(A) Max
All specifications subject to change wtihout notice.
KHz, 1v
REVISED 12/11/08
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
Electrical
Inductance Range: 2.2µh to 33µh
Tolerance: 30% over entire range
Operating Temp: -25ºC ~ +100ºC
Test Equipment
(L):
HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 2000 pieces per 13 inch reel.
• Available in magnetically shielded
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502
(IDC): HP4284A + HP42841A
Marking: EIA Inductance Code
Also, available in tighter tolerances
Dimensions:
Inches
(mm)
Rated Current: Current at which inductance
drops by 35% of intial value or ∆ T=40ºC lower,
whichever is lower


Similar Part No. - PCS1014-100T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS103 ALLIED-PCS103 Datasheet
367Kb / 1P
   Power Chip Shielded Inductors
PCS103-100M-RC ALLIED-PCS103-100M-RC Datasheet
367Kb / 1P
   Power Chip Shielded Inductors
PCS103-101M-RC ALLIED-PCS103-101M-RC Datasheet
367Kb / 1P
   Power Chip Shielded Inductors
PCS103-121M-RC ALLIED-PCS103-121M-RC Datasheet
367Kb / 1P
   Power Chip Shielded Inductors
PCS103-150M-RC ALLIED-PCS103-150M-RC Datasheet
367Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS1014-100T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com