Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCS6D28-270N-RC Datasheet(PDF) 1 Page - Allied Components International

Part No. PCS6D28-270N-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

PCS6D28-270N-RC Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS6D28
15
RDC
(Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS6D28-3R0N-RC
PCS6D28-3R9N-RC
PCS6D28-4R7N-RC
PCS6D28-5R0N-RC
PCS6D28-6R0N-RC
PCS6D28-7R3N-RC
PCS6D28-100N-RC
PCS6D28-120N-RC
PCS6D28-150N-RC
PCS6D28-180N-RC
PCS6D28-220N-RC
PCS6D28-270N-RC
PCS6D28-330N-RC
PCS6D28-390N-RC
3.0
3.9
4.7
5.0
6.0
7.3
10
12
15
18
22
27
33
39
30
30
30
30
30
30
30
30
30
30
30
30
30
30
10
10
10
10
10
10
10
10
10
10
10
10
10
10
.024
.027
.031
.031
.035
.054
.065
.070
.084
.095
.128
.142
.165
.210
3.00
2.60
2.40
2.40
2.25
2.10
1.70
1.55
1.40
1.32
1.20
1.05
0.97
0.86
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS6D28-6R8N-RC
6.8
30
10
.050
2.15
PCS6D28-8R6N-RC
8.6
30
10
.058
1.85
(A)
PCS6D28-560N-RC
PCS6D28-680N-RC
PCS6D28-820N-RC
PCS6D28-101N-RC
PCS6D28-221N-RC
56
68
82
100
220
30
30
30
30
30
10
10
10
10
10
.277
.304
.390
.535
1.30
0.73
0.65
0.60
0.54
0.30
PCS6D28-470N-RC
47
30
10
.238
0.80
Max.
All specifications subject to change wtihout notice.
KHz, 1V
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Low rofile
Electrical
Inductance Range: 3µh to 220µh
Tolerance:
30% over entire range
Operating Temp: -30ºC ~ +100ºC
Rated Current: Current at which inductance
drop by 35% of intial value or
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L):
HP4284A LF Impedance Analyzer
(RDC): Chen Hwa 502
Rated Current: HP4284+HP42841A or
Chen Hwa 1061 + Chen Hwa 301A
Physical
Packaging: 1500 pieces per 13 inch reel.
Marking: EIA Inductance Code
∆ T=40ºC lower,
whichever is lower
Also, available in tighter tolerances
REVISED 12/11/08
Dimensions:
Inches
(mm)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn