Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3D12-6R8T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS3D12-6R8T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS3D12-6R8T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS3D12-6R8T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS3D12
15
DCR
(Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS3D12-1R0T-RC
PCS3D12-1R5T-RC
PCS3D12-2R2T-RC
PCS3D12-3R3T-RC
PCS3D12-4R7T-RC
PCS3D12-6R8T-RC
PCS3D12-100T-RC
PCS3D12-120T-RC
PCS3D12-150T-RC
PCS3D12-180T-RC
PCS3D12-220T-RC
PCS3D12-270T-RC
PCS3D12-330T-RC
PCS3D12-390T-RC
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
30
30
30
30
30
30
30
30
30
30
30
30
30
30
10
10
10
10
10
10
10
10
10
10
10
10
10
10
.040
.064
.084
.122
.172
.218
.408
.462
.502
.573
.801
1.207
1.358
1.911
1.54
1.32
1.12
0.90
0.72
0.60
0.49
0.47
0.41
0.37
0.34
0.30
0.28
0.23
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS3D12-5R6T-RC
5.6
30
10
.191
0.66
PCS3D12-8R2T-RC
8.2
30
10
.255
0.57
(A)
Max.
All specifications subject to change wtihout notice.
REVISED 12/19/08
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Available in magnetically shielded
Electrical
Inductance Range: 1.0µh ~ 39µh
Tolerance:
30% over entire range
Operating Temp: -30ºC ~ 100ºC
Rated Current: Current at which Inductance
drops by 30% of initial value or
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L)
: HP 4192A LF Impedance Analyzer
(RDC): Chen Hwa 502
(Rate Current): Chen Hwa 1061 + Chen Hwa 301A
or HP4284A + HP42841A
Physical
Packaging: 1500 pieces per 7 inch reel.
Marking: EIA Inductance Code.
∆ T=40ºC lower,
which ever is lower.
KHz, 0.1V
Dimensions:
Inches
(mm)


Similar Part No. - PCS3D12-6R8T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS3D11 ALLIED-PCS3D11 Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCS3D11-100T-RC ALLIED-PCS3D11-100T-RC Datasheet
356Kb / 1P
   Power Chip Shielded Inductors
PCS3D11-100T-RC ALLIED-PCS3D11-100T-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCS3D11-120T-RC ALLIED-PCS3D11-120T-RC Datasheet
356Kb / 1P
   Power Chip Shielded Inductors
PCS3D11-120T-RC ALLIED-PCS3D11-120T-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS3D12-6R8T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com