Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-147WA-PS4S Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # RC-147WA-PS4S
Description  Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-147WA-PS4S Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  RC-147WA-PS4S Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chassis
4-slot half-size industrial chassis
Drive Space
External: 3.5" space x 1
Internal: 3.5" space x 1
Thermal Solution
5cm x 1 and 8cm x 1 ball bearing cooling fans
Altitude
15,000 feet
Power Supply
180W ATX power supply supports ATX 2.03
Temperature
0~+50
oC (operating); 0~+70oC (storage)
Humidity
5~95%; non-condensing
Safety Standard
FCC/CE on chassis and FCC/CE/UL/TUV on power supply
Dimensions (L x W x H)
24.85 x 12.23 x 25.7 cm
Specifications
RC-147
Half-size Wallmount Chassis with 4-slot
Backplane, 180W ATX P/S
Provides PICMG1.3 Half-size Backplane
Industrial Chassis
4-slot space for half-size mainboard
Provides 180W ATX power supply
1 x external 3.5" space, 1 x internal 3.5" space
5cm x 1 and 8cm x 1 ball bearing cooling fans
FCC/CE industrial Class A approval
Features
RC-147WA-PS3S5
RC-147W Chassis w/HPS-3S5 B/P, FSP180-50PLA ATX P/S
RC-147WA-PS4S
RC-147W Chassis w/HPS-4S B/P, FSP180-50PLA ATX P/S
RC-147WA-PS4S2
RC-147W Chassis w/HPS-4S2 B/P, FSP180-50PLA ATX P/S
RC-147WA-PE4S
RC-147W Chassis w/PE-4S B/P, FSP180-50PLA ATX P/S
Ordering Guide
One 3.5" FDD space at the front side, and COM, LED indicator,
power switch at the back side of the RC-147 allows easy access
to the user's software.
One 5cm and one 8cm ball bearing cooling fans provides
ventilation into the chassis, is also available.
Front Side
12.23
5.0
5.0
5.0
5.0
15.5
24.85


Similar Part No. - RC-147WA-PS4S

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-140WA-I BOSER-RC-140WA-I Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-140WA-P BOSER-RC-140WA-P Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-140WB-PE4S BOSER-RC-140WB-PE4S Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
More results

Similar Description - RC-147WA-PS4S

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
   Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-165 BOSER-RC-165 Datasheet
99Kb / 1P
   Half-size Deskmount Chassis with 6-slot Backplane, 70W/100W P/S Provides PICMG1.3 Half-size Backplane
RC-150 BOSER-RC-150 Datasheet
103Kb / 1P
   Half-size Wallmount Chassis with 5-slot Backplane & 24V/48V 180W ATX P/S
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
   Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-100 BOSER-RC-100 Datasheet
103Kb / 1P
   RC-100 Half-size Wallmount Chassis with 3-slot Backplane, 70W P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
   19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
   19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
logo
List of Unclassifed Man...
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
   Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
AAEON Technology
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
logo
BOSER Technology Co., L...
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
   Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com