Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC0703-330K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PC0703-330K-RC
Description  Power Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC0703-330K-RC Datasheet(HTML) 1 Page - Allied Components International

  PC0703-330K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC0703
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
IDC
Max.
(A)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PC0703-4R7M-RC
PC0703-100M-RC
PC0703-120M-RC
PC0703-150M-RC
PC0703-180M-RC
PC0703-270M-RC
PC0703-330K-RC
PC0703-390K-RC
PC0703-470K-RC
PC0703-560K-RC
PC0703-680K-RC
PC0703-820K-RC
PC0703-101K-RC
PC0703-121K-RC
PC0703-151K-RC
PC0703-181K-RC
PC0703-221K-RC
4.7
10
12
15
18
27
33
39
47
56
68
82
100
120
150
180
220
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
0.04
0.08
0.09
0.10
0.11
0.15
0.17
0.22
0.25
0.28
0.33
0.41
0.48
0.54
0.75
1.02
1.20
1.60
1.44
1.39
1.24
1.12
0.94
0.85
0.74
0.68
0.64
0.59
0.54
0.51
0.49
0.40
0.36
0.31
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PC0703-220M-RC
22
20
2.52MHz,1V
0.13
1.07
PC0703-271K-RC
PC0703-330K-RC
270
330
10
10
1KHz,1V
1KHz,1V
1.31
1.50
0.29
0.28
Power Chip Inductors
REVISED 12/11/08
Dimensions:
Inches
(mm)
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
auto insertion
• Designed for high current applications
Electrical
Inductance Range: 4.7µh to 330µh
Tolerance: 20% over entire range
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4192A Impedence Analyzer
(DCR): Chen Hwa 502
(IDC): HP4284A with HP42841A or
Physical
Packaging: 1000 pieces per 13 inch reel.
Marking: EIA Inductance Code.
∆ T= 40ºC whichever
is lower.
Also available in tighter tolerances
Chen Hwa 1061 + Chen Hwa 301A
• Excellent for use in DC-DC converter
applications
• High saturation for surface mounting
Test Frequency: (L) as specified


Similar Part No. - PC0703-330K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0703-330K-RC ALLIED-PC0703-330K-RC Datasheet
338Kb / 1P
   Power Chip Inductors
PC0703-330K-RC ALLIED-PC0703-330K-RC Datasheet
338Kb / 1P
   Power Chip Inductors
More results

Similar Description - PC0703-330K-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com