Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMT751S Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # OMT751S
Description  Panel Mounting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OMT751S Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  OMT751S Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Overall
diameter
43.0 mm
1.693"
34.0 mm
1.339"
10.0 mm
0.394"
28.5 mm
1.122"
13.0 mm
0.512"
10.5 mm
0.413"
Terminal
layout b
(tabs)
Terminal
layout c
(tabs)
29.5 mm
1.161"
Case style A:
Case style B:
20.0 mm
0.787"
Terminal
layout d
(screws)
Terminal
layout e
(screws)
36.5 mm
1.437"
31.7 mm
1.248"
19.5 mm
0.768"
4.0 mm
0.157"
8.0 mm
0.315"
38.0 mm
1.496"
8.0 mm
0.315"
42.0 mm
1.654"
Terminal
layout a
(tabs)
Case style C
Oscillating
Sound pressure Current
frequency
Operating
@60cm
consumption
Terminal
Weight
Case
Model No.
(Hz ±500)
voltage
(dB min.)
(mA max.)
Tone*
style
(g)
style
✜ OMT610BN
2900
30–120 AC/DC
70–85
4–18
Continuous
Tab (b)
40.0
A
✔ OMT610SN
2900
30–120 AC/DC
70–85
4–18
Continuous
Screw (d)
35.3
A
✜ OMT611BN
2900
30–120 AC/DC
70–85
4–18
Fast pulse
Tab (c)
40.0
A
✔ OMT611SN
2900
30–120 AC/DC
70–85
4–18
Fast pulse
Screw (d)
40.0
A
✜ OMT613BN
2900
30–120 AC/DC
70–85
4–18
Slow pulse
Tab (c)
40.0
A
✔ OMT613SN
2900
30–120 AC/DC
70–85
4–18
Slow pulse
Screw (d)
40.0
A
✜ OMT620BN
2900
60–250 AC/DC
70–85
4–18
Continuous
Tab (b)
62.0
B
✜ OMT620SN
2900
60–250 AC/DC
70–85
4–18
Continuous
Screw (d)
62.0
B
✜ OMT621BN
2900
60–250 AC/DC
70–85
4–18
Fast pulse
Tab (c)
62.0
B
✜ OMT621SN
2900
60–250 AC/DC
70–85
4–18
Fast pulse
Screw (d)
62.0
B
✜ OMT623BN
2900
60–250 AC/DC
70–85
4–18
Slow pulse
Tab (c)
62.0
B
✜ OMT623SN
2900
60–250 AC/DC
70–85
4–18
Slow pulse
Screw (d)
62.0
B
✜ OMT648S
2900
10–48 DC
70–85
4–18
Continuous
Screw (d)
37.0
A
✔ OMT650S
2900
4–28 DC
70–85
4–18
Continuous
Screw (d)
32.0
A
✔ OMT651S
2900
6–28 DC
70–85
4–18
Fast pulse
Screw (d)
32.0
A
✔ OMT653S
2900
6–28 DC
70–85
4–18
Slow pulse
Screw (d)
37.0
A
✔ OMT655S
2900
6–28 DC
70–85
4–18
Cont. & F. P.
Screw (e)
38.0
A
✔ OMT657S
2900
6–28 DC
70–85
4–18
Cont. & S. P.
Screw (e)
38.0
A
✔ OMT750B
3600
4–28 DC
70–85
4–18
Continuous
Tab (b)
17.0
C
✜ OMT750S
3500
4–28 DC
70–85
4–18
Continuous
Screw (d)
17.8
C
✜ OMT751B
3600
6–28 DC
70–85
4–18
Fast pulse
Tab (c)
20.0
C
✜ OMT751S
3600
6–28 DC
70–85
4–18
Fast pulse
Screw (d)
21.0
C
✜ OMT753B
3600
6–28 DC
70–85
4–18
Slow pulse
Tab (c)
20.0
C
✜ OMT753S
3600
6–28 DC
70–85
4–18
Slow pulse
Screw (d)
21.0
C
✜ OMT755B
3600
6–28 DC
70–85
4–18
Cont. & F. P.
Tab (a)
21.0
C
✜ OMT755S
3600
6–28 DC
70–85
4–18
Cont. & F. P.
Screw (e)
23.0
C
✜ OMT757B
3600
6–28 DC
70–85
4–18
Cont. & S. P.
Tab (a)
21.0
C
✜ OMT757S
3600
6–28 DC
70–85
4–18
Cont. & S. P.
Screw (e)
23.0
C
Piezo Audio Indicators
Panel Mounting Type
FEATURES
OMT6––S Series
• Fits 1.125 inch (28.57 mm)
opening in panels up to 0.25
inch (6.35 mm) thick
• Three different tones and combi-
nations available
• Supplied with Phillips-head
screws
• Non-polarized versions available:
OMT650SN, OMT651SN,
OMT653SN
• Louder versions available (75-90
dB): OMT650SNL, OMT651SNL,
OMT646SNL (All are non-polar-
ized)
OMT6––SN Series
• Fits 1.125 inch (28.57 mm)
opening in panels up to 0.25
inch (6.35 mm) thick
• Three different tones available
• Operated by either AC or DC
voltage without polarization
• Supplied with Phillips-head
screws
• Louder versions available (75-90
dB): OMT610SNL, OMT611SNL,
OMT613SNL
OMT6––BN Series
• Fits 1.125 inch (28.57 mm)
opening in panels up to 0.25
inch (6.35 mm) thick
• Three different tones and combi-
nations available
• Operated by either AC or DC
voltage without polarization
• Supplied with 0.25 in (6.35 mm)
quick-disconnect tabs
OMT75–S Series
• Front-inserted panel-mounting
type
• Fits 1.25 inch (31.75 mm) open-
ing in panels up to 0.50 inch
(12.7 mm) thick
• Three different tones and combi-
nations available
• Operated by either AC or DC
voltage without polarization
• Supplied with Phillips-head
screws
OMT75–B Series
• Front-inserted panel-mounting
type
• Fits 1.25 inch (31.75 mm) open-
ing in panels up to 0.50 inch
(12.7 mm) thick
• Three different tones and combi-
nations available
• Supplied with 0.187 in (4.75 mm)
quick-disconnect tabs
All
• Operating temperature -
20°C~60°C; Storage tempera-
ture -30°C~70°C
= Most popular stock values
✔ = Stock values
✜ = Non–stock values subject to minimum handling charge per item
* Pulse rate at 12VDC: Fast, 3.0 Hz ±20%;
Slow, 1.2 Hz ±20%
This product has been
DISCONTINUED


Similar Part No. - OMT751S

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
OMT SCHURTER-OMT Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
More results

Similar Description - OMT751S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
logo
PHOENIX CONTACT
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
   Mounting foot for panel mounting the HC-ALU panel mounting base
logo
Ohmite Mfg. Co.
OMT200 OHMITE-OMT200 Datasheet
42Kb / 1P
   Flange Mounting/Panel Mounting Types
logo
PHOENIX CONTACT
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
   Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
   Mounting foot for panel mounting the HC-ALU panel mounting base
logo
Elektron Components Ltd...
FX0354 BULGIN-FX0354 Datasheet
69Kb / 1P
   Panel Mounting, PC2
logo
List of Unclassifed Man...
KITS ETC2-KITS Datasheet
132Kb / 1P
   IP67 PANEL MOUNTING
logo
Elektron Components Ltd...
FX0296 BULGIN-FX0296 Datasheet
76Kb / 1P
   Panel Mounting, PC1
logo
Bud Industries, Inc.
PMR-9448 BUD-PMR-9448 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com