Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMT350 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # OMT350
Description  Flange Mounting/Panel Mounting Types
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OMT350 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  OMT350 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
83
Piezo Audio Indicators
Flange Mounting/Panel Mounting Types
Oscillating
Sound pressure
Current
frequency
Operating
@30cm/12vdc
consumption
Weight
Model No.
(Hz ±500)
voltage
(dB min.)
(mA max.)
Tone*
(g)
✔ OMT200
3100
3–20 DC
78
12
Continuous
4.5
OMT200L
3100
3–20 DC
93
5
Continuous
4.5
OMT250
3500
4–28 DC
87
8
Continuous
10.2
OMT251
3500
4–28 DC
85
5
Fast pulse
10.2
✔ OMT253
3500
4–28 DC
87
6
Slow pulse
10.2
✔ OMT255
3500
4–28 DC
90
8
Cont. & F. P.
10.2
✔ OMT257
3500
4–28 DC
90
8
Cont. & S. P.
10.2
✔ OMT260
3500
3–28 DC
88
5
Continuous
15
✔ OMT260L
3500
3–20 DC
93
8
Continuous
15
OMT350
2800
3–28 DC
85
8
Continuous
14.6
✔ OMT350L
2800
3–20 DC
92
12
Continuous
14.6
✔ OMT351
2800
3–28 DC
81
6
Pulse
14.6
✔ OMT351L
2800
3–20 DC
88
8
Pulse
14.6
FEATURES
OMT25– Series
• Two mounting methods: flange
or panel mount
• Three different tones and combi-
nations available
• Small size with rich sound output
OMT200–, OMT260–,
OMT35–– Series
• Flange mounting with two lead
wires
• Small size and lightweight
• Rich sound output and low cur-
rent drain
ALL
• Operating temperature -
20°C~60°C; Storage tempera-
ture -30°C~70°C
Diam.
3.4 mm
0.134"
50.0 mm
1.969"
60.0 mm
2.362"
41.8 mm
1.646"
16 mm
0.63"
3.5 x 4.5 mm
0.138 x 0.177"
38.0 mm
1.496"
44.0 mm
1.732"
32.0 mm
1.260"
13.5 mm
0.531"
Diam.
2.2 mm
0.087"
29.0 mm
1.142"
34.0 mm
1.339"
24.0 mm
0.945"
14.5 mm
0.571"
OMT25_
Series
OMT35__
Series
OMT200_
Series
OMT260_
Series
29.0 mm
1.142"
6.0 mm
0.236"
8.0 mm
0.315"
18.0 mm
0.709"
Diam.
3.5 mm
0.138"
34.0 mm
±0.4
1.339"
±0.016
41.0 mm
±0.4
1.339"
±0.016
24.5 mm
±0.4
0.965"
±.016
= Most popular stock values
✔ = Stock values
✜ = Non–stock values subject to minimum handling charge per item
* Pulse rate at 12VDC: Fast, 3.0 Hz ±20%;
Slow, 1.2 Hz ±20% at 12 VDC
This product has been
DISCONTINUED


Similar Part No. - OMT350

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OMT300-R200-2EP-IO PF-OMT300-R200-2EP-IO Datasheet
445Kb / 4P
   Distance sensor
OMT300-R200-2EP-IO-L PF-OMT300-R200-2EP-IO-L Datasheet
493Kb / 4P
   Distance sensor
OMT300-R200-2EP-IO-V1 PF-OMT300-R200-2EP-IO-V1 Datasheet
455Kb / 4P
   Distance sensor
OMT300-R200-2EP-IO-V1-L PF-OMT300-R200-2EP-IO-V1-L Datasheet
503Kb / 4P
   Distance sensor
OMT300-R200-2EP-IO-V31 PF-OMT300-R200-2EP-IO-V31 Datasheet
467Kb / 4P
   Distance sensor
More results

Similar Description - OMT350

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
   Mounting Flange
logo
Pepperl+Fuchs Inc.
BF5 PF-BF5 Datasheet
524Kb / 1P
   Mounting flange
BF5-30 PF-BF5-30 Datasheet
292Kb / 3P
   Mounting flange
BF8-F PF-BF8-F Datasheet
497Kb / 2P
   Mounting flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com