Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2792-11 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2792-11
Description  11 MHz surface mount bandpass filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2792-11 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2792-11 Datasheet HTML 1Page - KR Electronics, Inc. 2792-11 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2007, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
11 MHz
Insertion Loss
< 2.5 dB (1.5 dB typical)
3 dB Bandwidth
2.1 MHz min (3.1MHz typical)
Attenuation at 7.85 MHz
> 60 dB
Attenuation at 14.15 MHz
> 60 dB
Source and Load
50
KR Electronics 2792-11
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Maximum reflow temperature 209° C for 10 seconds maximum
4.
If boards are cleaned after installation, units must be completely dried


Similar Part No. - 2792-11

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2792-14 KR-2792-14 Datasheet
371Kb / 2P
   14 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
   19 MHz surface mount bandpass filter
More results

Similar Description - 2792-11

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2792-19 KR-2792-19 Datasheet
371Kb / 2P
   19 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
   40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
   60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
   230 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
   53 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
   286 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
   500 MHz surface mount bandpass filter
2790 KR-2790 Datasheet
371Kb / 2P
   75 MHz surface mount bandpass filter
2820-14.7 KR-2820-14.7 Datasheet
371Kb / 2P
   14.7 MHz surface mount bandpass filter
2820-18.7 KR-2820-18.7 Datasheet
371Kb / 2P
   18.7 MHz surface mount bandpass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com