Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet(PDF) 1 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-66
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet(HTML) 1 Page - Emerson Network Power

  IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 1Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 2Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-66 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 7.9.09_145
iVS Series
1 of 11
Embedded Power for
Business-Critical Continuity
IntelligentVSPower
Up to 4920 Watts
Special Features
•FullmedicalEN60601approval
•IntelligentI2C control
•Voltageadjustmentonalloutputs
(manualorI2C)
•Configurableinputandoutput
OKsignalsandindicators
•Configurableinhibit/enable
•ConfigurableoutputUP/DOWN
sequencing
•Highpowerdensity(12W/cu-in)
•Intelligentfan(speedcontrol/
fault status)
•uPcontrolledPFCinputwith
activeInrushprotection
•I2Cmonitorofvoltage,current,
and temperature
•Programmablevoltage,current
limit,inhibit/enablethroughI2C
•Optionalextendedhold-up
module (SEMIF47compliance)
•Increasedpowerdensityto150%
•Optionalconformalcoating
•Industrialtemprange(-40ºCto
70ºC)
•UsesstandardiMP modules
•Fieldupgradeablefirmware
•RoHScompliant
Total Power: Up to 4920 Watts
Input Voltage:85-264Vdc
120-300Vdc
# of Outputs: Up to 24
Electrical Specifications
Safety
UL
UL60950/UL2601
CSA
CSA22.2No.234Level5
VDE
EN60950/EN60601-1
BABT
CompliancetoEN60950/
EN60601BS7002
CB
Certificate and report
CE
MarktoLVD
Font: Minion Bold for VS
Minion italic for i ; size for each is the same
Created on Mac
Color: "i" 100% Blue, 50% Magenta,
0% Yellow, 0% Black
"VS" - 100% Black
TM
Input
Inputrange:
i
VS1&iVS3 90-264Vac1Ø;120-300Vdc
i
VS6&iVS8 170-264Vac3Ø
i
VS8H 480Vacnominal3Ø
380Vacnominal3Øderateto3800Wmax.
Frequency:
47-440Hz
Inrushcurrent:
40Apeakmaximum(softstart)
Efficiency:
Upto85%@fullcaseload
PowerFactor:
0.99typ.meetsEN61000-3-2
Turn-ontime:
ACon1.5sectypical,inhibit/enable150mstypicalProgrammable;
50msinternalturn-ondelay(DualOutputonly)
EMIFilter:
CISPR22/EN55022Level“B”
Leakagecurrent:
500µAmax.@240Vac;47-63Hz
RadiatedEMI:
CISPR22/EN55022Level“B”
Holdoverstorage:
10msminimum(independentofinputVac)additional20mSEC
holdoverstoragewithoptionalHUPmodule
(SEMIF47compatible)
ACOK:
>5msearlywarningminutesbeforeoutputsloseregulationFullcycle
ridethru(50Hz).Programmable
Harmonicdistortion:
MeetsEN61000-3-2
Isolation:
MeetsEN60950andEN60601
Globalinhibit/enable: TTL,Logic“1”andLogic“0”;configurable
Warranty:
3years
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-66

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-66

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com