Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet(PDF) 2 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-26
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet(HTML) 2 Page - Emerson Network Power

  IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 1Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 2Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-26 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output
Adjustment range:*
±10%minimumalloutputs(manual)
(fullmoduleadjustmentrangeusingI2C)
Factorysetpointaccuracy:
1%
I2Coutputprogramaccuracy:
± 5%
Margining:
±4-6%nominalanalog(singleoutputmoduleonly)
Overallregulation:
0.4%or20mVmax.(1500Wmodules1%max.)
Ripple:
RMS:0.1%or10mV,whicheverisgreater
Pk-Pk:1.0%or50mV,whicheverisgreater
Bandwidthlimitedto20MHz
Dynamicresponse:
<2%or100mV,with25%loadstep
Recoverytime:
Towithin1%in<300µsec
Overcurrent protection:**
ConfigurablethroughI2C(calibrationrequired).Singleoutputmoduleand
mainoutputofthedualoutputmodule105-120%ofratedoutputcurrent.
Auxoutputofdualoutputmodule105-140%ofratedoutputcurrent.
SpecialprogrammableOCPdelayon1500Wmodulefrom100mSecto
25.5secondswithshutdownfeatures.
Short-circuitprotection:
Protectedforcontinuousshort-circuit.
Recoveryisautomaticuponremovalofshort
(Shutdownmodeon1500Wmodule).
Overvoltage protection:*
ConfigurablethroughI2C
Singleoutputmodule:
2-5.5V122-134%;6-60V110-120%
Dualoutputmodule:
2-6V122-134%;8-28V110-120%
Tripleoutputmodule:
Noovervoltageprotectionprovided
Thermal protection:*
ConfigurablethroughI2C
Alloutputsdisabledwheninternaltempexceedssafeoperatingrange.>
5mswarning(ACOKsignal)beforeshutdown
Remotesense:
Upto0.5Vtotaldrop(notavailableontripleoutputmodule)
Singlewireparallel:
Currentsharetowithin2%oftotalratedcurrent
DCOK:*
+/-5%ofnominal.ConfigurablethroughI2C
Minimumload:
Notrequired
Housekeepingbiasvoltage:
5Vdc@1.0Amax.presentwheneverACinputisapplied
Module inhibit:*
ConfiguredandcontrolledthroughI2C
Output/Outputisolation:
>1Megohm,500V
* CanbecontrolledviaI2C
** ControlledviaI2Cbutrequiresloadcalibration(except1500Wmodule)
Operatingtemperature:
-40°to70°Cambient.Derateeachoutput2.5%perdegreefrom50°to70°C.
( -20 °C start up)
Storagetemperature:
-40°Cto85°C
Electromagneticsusceptibility: DesignedtomeetEN61000-4;-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to95%RH
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFdemonstrated:
>550,000hoursatfullload,220Vacand25°Cambientconditions
EnvironmentalSpecifications
Rev. 7.9.09_145
iVS Series
 of 11


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-26

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-26

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com