Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet(PDF) 8 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-95
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet(HTML) 8 Page - Emerson Network Power

Back Button IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 9Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 10Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-95 Datasheet HTML 11Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev. 7.9.09_145
iVS Series
 of 11
Embedded Power for
Business-Critical Continuity
AC INPUT
CONNECTOR
OUTPUT MODULE
AREA
A
19.1
279.4±1.27
USB PROGRAMMING
CONNECTOR OPTION
I2C
SELV CONTROL
CONNECTOR
C
B
A
171.45
A
C
B
B
C
M4 MTG HOLES 4 PL
“MOUNTING HOLES DIMENSIONS IDENTICAL ON BOTH SIDES
#8-32 MTG HOLES
5PL
MARKED “A”
6, 7 REF
203.2±0.5
98
52.6
42
61.2
81.5
DC OK LED
AC OK LED
FAN
80 X 80 X 38mm
29.1
171.5
16.2
19.1
171.5
M4 MTG HOLES
5 PL
MARKED “B”
A
B A
B A
A
A
A
B
B
B
REVERSE AIRFLOW DIRECTION
NORMAL AIRFLOW DIRECTION
8-InchCaseSize:iVS3:5”x8”x11”(127mmx203.2mmx279.4mm)
Weight:iVS3Case:9.0lbs.•1500WSingle2.0lbs.•750WSingle:1.6lbs.
•360WSingle:1.0lb.•210WSingle:0.6lb.•144WDual:0.6lb.
i
VSSeries
i
VS3(1800/4500
WattsMax)
Notes
1. Input:Barriertype.ThreeM4screws(0.512”centers).Maxtorque:7in-lbs.(0.79N-m).
2. Controlconnectors:(J1)10positionhousing,goldplatedcontacts.MateswithMolex90142-0010housingwith90119-2110crimpcontacts(MolexC-GridIIISeries).
Connectorkitincludesmatingconnectorand10pins,Astecpart#70-841-004.(J2)10positionhousing(Landwin2051P1000T).Mateswithhousing2050S1000
(Landwin)with2053T011P(Landwin)pins.
3. Chassismaterial:aluminumwithchemicalfilmcoating(conductive).
4. Alldimensionsareinmillimetersandinches,andaretypical.
5. Customermounting-3sidesM4,bottomalsoincludes8-32mountingholes.Max.penetrationis0.155”(4.0mm).Max.torque:5in-lbs.(0.57N-m).
6. Outputmoduleconnections:AllsingleO/PmodulesareM4x8mmscrews.Max.torque:10in-lbs.(1.13N-m).
DualO/PmoduleisM3x8mmscrews.Max.torque:5in-lbs.(0.57N-m).
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-95

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-95

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com