Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15024 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MJ15024
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MJ15024 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MJ15024 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MJ15024 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
MJ15022 MJ15024
DESCRIPTION
・With TO-3 package
・Complement to type MJ15023 MJ15025
・Excellent Safe Operating Area
・High DC Current Gain
hFE = 15 (Min) @ IC = 8 Adc
APPLICATIONS
・Designed for high power audio, disk head
positioners and other linear applications
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
MJ15022
350
VCBO
Collector-base voltage
MJ15024
Open emitter
400
V
MJ15022
200
VCEO
Collector-emitter voltage
MJ15024
Open base
250
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
16
A
ICM
Collector current-peak
30
A
IB
Base current
5
A
PD
Total power dissipation
TC=25℃
250
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
0.70
℃/W
JMnic


Similar Part No. - MJ15024

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15024 MOSPEC-MJ15024 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15024 MOTOROLA-MJ15024 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
153Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15024 WINGS-MJ15024 Datasheet
64Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(for AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
73Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
More results

Similar Description - MJ15024

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com