Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22071A Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # TMC22071A
Description  Genlocking Video Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22071A Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button TMC22071A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC22071A Datasheet HTML 19Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PRODUCT SPECIFICATION
TMC22071A
15
Electrical Characteristics (for standard temperature range)
Note:
1. Typical IDD with VDD = +5.0 Volts and TA = 25
°C, Maximum IDD with VDD = +5.25 Volts and TA = 0°C.
Switching Characteristics (for standard temperature range)
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Current1
Total Current
VDD = Max,
fPXCK = 30MHz
190
230
mA
IREF
Reference Inputcurrent
VREF = +1.235V
100
mA
IIH
Input Current, Logic HIGH
VDD = Max, VIN = 4.0V
±10
mA
IIL
Input Current, Logic LOW
VDD = Max, VIN = 0.4V
±10
mA
VOH
Output Voltage, Logic HIGH
IOH = -2.0 mA
2.4
V
VOL
Output Voltage, Logic LOW
IOL = 4.0 mA
0.4
V
IOZH
Hi-Z Output Leakage current, HIGH
VDD = Max, VIN = VDD
±10
mA
IOZL
Hi-Z Output Leakage current, LOW
VDD = Max, VIN =GND
±10
mA
Cl
Digital Input Capacitance
TA = 25
°C, f = 1 Mhz
4
15
pF
CO
Digital Output Capacitance
TA - 25
°C, f = 1 Mhz
10
pF
CV
Input Capacitance, VIN1-3
TA = 25
°C, f = 3.58 Mhz
15
pF
RV
Input Resistance, VIN1-3
50
k
W
Parameter
Conditlons
Min
Typ
Max
Units
tDO
Output Delay Time
CLOAD = 35 pF
2
15
ns
tHO
Output Hold Time
3
8
ns
fPCK
Pixel Rate
12
15.3
MHz
fPXCK
Master Clock Rate
24
30.6
MHz
tPWHPX
PXCK Pulse Width, LOW
12
ns
tPWHPX
PXCK Pulse Width, HIGH
12
ns
tDH
Horizontal Sync to GHSYNC
14
pixels
tVD
Vertical Sync to GVSYNC
14
pixels
tXL
PXCK LOW to LDV HIGH
8
ns
tXV
PXCK LOW to LDV LOW
8
ns
tDOM
D0 enable time
20
ns
tHOM
D0 disable time
10
15
ns
tDOZ
CS LOW to D0 output driven
5
ns


Similar Part No. - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
TMC22071AKHC1 FAIRCHILD-TMC22071AKHC1 Datasheet
125Kb / 24P
   Genlocking Video Digitizer
TMC22071AR1C FAIRCHILD-TMC22071AR1C Datasheet
125Kb / 24P
   Genlocking Video Digitizer
More results

Similar Description - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
   Hybrid RS-170 Video Digitizer
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
   HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com