Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE36N50-DA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE36N50-DA
Description  N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE36N50-DA Datasheet(HTML) 1 Page - STMicroelectronics

  STE36N50-DA Datasheet HTML 1Page - STMicroelectronics STE36N50-DA Datasheet HTML 2Page - STMicroelectronics STE36N50-DA Datasheet HTML 3Page - STMicroelectronics STE36N50-DA Datasheet HTML 4Page - STMicroelectronics STE36N50-DA Datasheet HTML 5Page - STMicroelectronics STE36N50-DA Datasheet HTML 6Page - STMicroelectronics STE36N50-DA Datasheet HTML 7Page - STMicroelectronics STE36N50-DA Datasheet HTML 8Page - STMicroelectronics STE36N50-DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STE36N50-DA
N - CHANNEL ENHANCEMENT MODE POWER MOS
TRANSISTOR AND ULTRA-FAST DIODE IN ISOTOP PACKAGE
s
LOW GATE CHARGE MOSFET
s
TURBOSWITCH DIODE INCORPORATED
s
HIGH CURRENT POWER MODULE
s
AVALANCHE RUGGED TECHNOLOGY
s
VERY LARGE SOA - LARGE PEAK POWER
CAPABILITY
s
EASY TO MOUNT
s
EXTREMELY LOW Rth JUNCTION TO CASE
s
VERY LOW DRAIN TO CASE CAPACITANCE
s
VERY LOW INTERNAL PARASITIC
INDUCTANCE (TYPICALLY < 5 nH)
s
ISOLATED PACKAGE UL RECOGNIZED
(FILE No E81743)
INDUSTRIAL APPLICATIONS:
s
SMPS & UPS
s
MOTOR CONTROL
s
WELDING EQUIPMENT
s
ASYMMETRICAL HALF BRIDGE SMPS
(WITH COMPLIMENTARY STE36N50-DK)
September 1994
TYPE
VDSS
R DS(on)
ID
STE36N50-DA
500 V
< 0. 14
36 A
MOSFET ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-Source Volt age (VGS = 0)
500
V
VDG R
Drain-Gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC36
A
ID
Drain Current (cont inuous) at T c =100
oC24
A
IDM(
•)
Drain Current (pulsed)
144
A
Ptot
Total Dissipation at Tc =25
oC
380
W
Derating Factor
3.3
W/
oC
Tstg
St orage Temperat ure
-55 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
VISO
I nsulat ion Withstand Voltage (AC-RMS)
2500
V
(
•) Pulse width limited by safe operating area
3
2
1
4
INTERNAL SCHEMATIC DIAGRAM
ISOTOP
1/9


Similar Part No. - STE36N50-DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DK STMICROELECTRONICS-STE36N50-DK Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
More results

Similar Description - STE36N50-DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE36N50-DK STMICROELECTRONICS-STE36N50-DK Datasheet
169Kb / 9P
   N-CHANNEL ENHANCEMENT MODE POWERMOS TRANSISTORANDULTRA-FAST DIODEINISOTOPPACKAGE
logo
IXYS Corporation
IXFB40N110Q3 IXYS-IXFB40N110Q3 Datasheet
143Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN32N100Q3 IXYS-IXFN32N100Q3 Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN40N110Q3 IXYS-IXFN40N110Q3 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTH2N150 IXYS-IXTH2N150 Datasheet
146Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTT12N150HV IXYS-IXTT12N150HV Datasheet
148Kb / 4P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXFR32N100Q3 IXYS-IXFR32N100Q3 Datasheet
147Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR24N100Q3 IXYS-IXFR24N100Q3 Datasheet
148Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXTA4N150HV IXYS-IXTA4N150HV Datasheet
204Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTH1N250 IXYS-IXTH1N250 Datasheet
118Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com