Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT1018AIN Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT1018AIN
Description  18-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1018AIN Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT1018AIN Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPT1018
Table II - Video Control Operation (Output values for set-up = 10 IRE and 75 ohm standard load)
Sync
Blank
Ref
White
Bright
Data
Input
Out - (mA)
Out - (V)
Out - (IRE)
Description
1
X
X
X
X
28.57
-1.071
-40
Sync Level
0
1
X
X
X
20.83
-0.781
0
Blank Level
0
0
1
1
X
0.00
0.000
110
Enhanced High Level
0
0
1
0
X
1.95
-0.073
100
Normal High Level
0
0
0
0
000...
19.40
-0.728
7.5
Normal Low Level
0
0
0
0
111...
1.95
-0.073
100
Normal High Level
0
0
0
1
000...
17.44
-0.654
17.5
Enhanced Low Level
0
0
0
1
111...
0.00
0.000
110
Enhanced High Level
The SPT1018 is usually configured in the synchronous
mode. In this mode, the controls and data are synchronized
to prevent pixel dropout. This reduces screen-edge distor-
tions and provides the lowest output noise while maintaining
the highest conversion rate. By leaving the Feedthrough (FT)
control open (low), each rising edge of the convert (CONV)
clock latches decoded data and control values into a D-type
internal register. The registered data is then converted into
the appropriate analog output by the switched current sinks.
When FT is tied high, the control inputs and data are not
registered. The analog output asynchronously tracks the
input data and video controls. Feedthrough itself is asynchro-
nous and usually used as a DC control.
The controls and data have to be present at the input pins for
a set-up time of ts before, and a hold time of th after, the rising
edge of the clock (CONV) in order to be synchronously
registered. The set-up and hold times are not important in the
asynchronous mode. The minimum pulse widths high (tPWH)
and low (tPWL) as well as settling time become the limiting
factors. (See figure 3.)
The video controls produce the output levels needed for
horizontal blanking, frame synchronization, etc., to be com-
patible with video system standards as described in
RS-343-A. Table II shows the video control effects on the
analog output. Internal logic governs Blank, Sync, and Force
High so that they override the data inputs as needed in video
applications. Sync overrides both the data and other controls
to produce full negative video output (figure 9).
Reference White video level output is provided by Force
High, which drives the internal digital data to full scale output
or 100 IRE units. Bright gives an additional 10% of full scale
value to the output level. This function can be used in graphic
displays for highlighting menus, cursors or warning mes-
sages. Again, if the devices are used in non-video applica-
tions, the video controls can be left open.
CONVERT CLOCK
For best performance, the clock should be ECL driven,
differentially, by utilizing CONV and CONV (figure 4). By
driving the clock this way, clock noise and power supply/
output intermodulation will be minimized. The rising edge of
the clock synchronizes the data and control inputs to the
SPT1018. Since the actual switching threshold of CONV is
determined by CONV, the clock can be driven single-ended
by connecting a bias voltage to CONV. The switching thresh-
old of CONV is set by this bias voltage.
ANALOG OUTPUTS
The SPT1018 has two analog outputs that are high imped-
ance, complementary current sinks. The outputs vary in
proportion to the input data, controls and reference current
values so that the full scale output can be changed by setting
ISet as mentioned earlier.
In video applications, the outputs can drive a doubly termi-
nated 50 or 75 ohm load to standard video levels. In the
standard configuration of figure 5, the output voltage is the
product of the output current and load impedance and is
between 0 and -1.07 V. The Out- output (figure 9) will provide
a video output waveform with the Sync pulse bottom at the
-1.07 V level. The Out+ is inverted with Sync up.
7
5/14/97


Similar Part No. - SPT1018AIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018AIN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com