Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-SOT143LF-03-D002-A Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # SOT-SOT143LF-03-D002-A
Description  SOT143 Surface Mount Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SOT-SOT143LF-03-D002-A Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  SOT-SOT143LF-03-D002-A Datasheet HTML 1Page - IRC - a TT electronics Company. SOT-SOT143LF-03-D002-A Datasheet HTML 2Page - IRC - a TT electronics Company. SOT-SOT143LF-03-D002-A Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT143 Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SOT143 Surface Mount
Resistor Networks
Schematic / Circuit Detail
Schematic/
Circuit Code
R1
(
Ω)
R2
(
Ω)
R3
(
Ω)
Available
Absolute
Tolerances
Available
Ratio
Tolerance
Available
Absolute
TCRs
A001
500.0
50.0K
50.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A002
10.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
A003
900.0
100.0
9.0K
J, G, F, B
G, F, D, B
±100, ±50, ±25
A004
500.0
48.0K
48.0K
J, G, F, B
G, F, D, B
±100, ±50, ±25
A005
200.0
40.0K
40.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A006
2.5K
2.5K
2.5K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
A007
200.0
900.0
900.0
J, G, F
G, F, D, B
±100, ±50, ±25
A008
1.0K
500.0
500.0
J, G, F
G, F, D, B
±100, ±50, ±25
A009
500.0
30.0K
30.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A010
400.0
25.0K
25.0K
J, G, F
G, F, D, B
±100, ±50, ±25
B001
10.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
B002
900.0
100.0
9.0K
J, G, F
G, F, D, B
±100, ±50, ±25
B003
1.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C001
N/A
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C002
N/A
1.0K
1.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C003
N/A
9.0K
1.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C004
N/A
750.0
750.0
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C005
N/A
100K
100K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C006
N/A
33.0K
330.0
J, G, F
G, F, D, B
±100, ±50, ±25
C007
N/A
2.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C008
N/A
10.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C009
N/A
10.0K
200.0
J, G, F
G, F, D, B
±100, ±50, ±25
C010
N/A
2.1K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C011
N/A
2.15K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C012
N/A
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C013
N/A
7.5K
7.5K
J, G, F, B
G. F, D, B. A
±100, ±50, ±25
C014
N/A
500.0
500.0
J, G, F
G, F, D, B
±100, ±50, ±25
C015
N/A
49.9K
49.9K
J, G, F, B
G. F, D, B. A
±100, ±50, ±25
D001
121.0
1.33K
1.0K
J, G, F
G, F, D, B
±100, ±50, ±25
D002
2.0K
1.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D003
50.0K
5.0K
5.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D004
5.4K
5.4K
27.5K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D005
40.0K
40.0K
40.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D006
10.0K
10.0K
20.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D007
20.0K
20.0K
20.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25


Similar Part No. - SOT-SOT143LF-03-D002-A

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-143 ALPHA-SOT-143 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
Shenzhen Luguang Electr...
SOT-143 LUGUANG-SOT-143 Datasheet
144Kb / 3P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
281Kb / 4P
   High-speed Double Diode
SOT-143 LUGUANG-SOT-143 Datasheet
2Mb / 4P
   Surface mount switching diode
More results

Similar Description - SOT-SOT143LF-03-D002-A

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com