Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSH4028-270N Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # PSH4028-270N
Description  SMD Power Inductors Shielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSH4028-270N Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

Back Button PSH4028-270N Datasheet HTML 2Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 3Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 4Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 5Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 6Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 7Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 8Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 9Page - PREMO CORPORATION S.L PSH4028-270N Datasheet HTML 10Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PS
PS
PS
PSH3018
H3018
H3018
H3018 , PS
, PS
, PS
, PSH3027
H3027
H3027
H3027 , PS
, PS
, PS
, PSH4028
H4028
H4028
H4028 ,,,,
PS
PS
PS
PSH5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028 & PS
PS
PS
PSH6022
H6022
H6022
H6022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
PSH6022
PSH6022
PSH6022
PSH6022 (0.9µH – 1000µH)
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
RDC
(m
Ω)
max.
Irms
(mA)
max.
Isat
(mA)
typ.
PSH6022 – R90N
0.9±30%
100
14.0
4800
4400
PSH6022 – 1R5N
1.5±30%
100
18.0
4300
3500
PSH6022 – 2R2N
2.2±30%
100
24.0
3400
2600
PSH6022 – 3R3N
3.3±30%
100
32.0
2800
2200
PSH6022 – 5R0N
5.0±30%
100
46.0
2150
2000
PSH6022 – 6R2N
6.2±30%
100
54.0
1900
1700
PSH6022 – 7R5N
7.5±30%
100
60.0
1700
1500
PSH6022 – 100N
10.0±30%
100
70.0
1600
1300
PSH6022 – 120N
12.0±30%
100
80.0
1430
1150
PSH6022 – 150N
15.0±30%
100
95.0
1310
1050
PSH6022 – 180N
18.0±30%
100
100.0
1280
1000
PSH6022 – 220N
22.0±30%
100
120.0
1220
950
PSH6022 – 270N
27.0±30%
100
150.0
1040
850
PSH6022 – 330N
33.0±30%
100
200.0
930
780
PSH6022 – 390N
39.0±30%
100
250.0
760
700
PSH6022 – 470N
47.0±30%
100
280.0
730
620
PSH6022 – 560N
56.0±30%
100
320.0
680
560
PSH6022 – 680N
68.0±30%
100
360.0
640
500
PSH6022 – 820N
82.0±30%
100
420.0
600
450
PSH6022 – 101N
100.0±30%
100
480.0
550
400
PSH6022 – 121N
120.0±30%
100
600.0
480
360
PSH6022 – 151N
150.0±30%
100
720.0
430
320
PSH6022 – 181N
180.0±30%
100
860.0
400
280
PSH6022 – 221N
220.0±30%
100
1100.0
360
250
PSH6022 – 271N
270.0±30%
100
1300.0
340
220
PSH6022 – 331N
330.0±30%
100
1500.0
290
200
PSH6022 – 391N
390.0±30%
100
1800.0
275
180
PSH6022 – 471N
470.0±30%
100
2200.0
240
170
PSH6022 – 561N
560.0±30%
100
2700.0
225
160
PSH6022 – 681N
680.0±30%
100
3500.0
190
150
PSH6022 – 821N
820.0±30%
100
4000.0
172
140
PSH6022 – 102N
1000.0±30%
100
5000.0
160
130
[Inductance tested at 0.1V] [Irms base on temp. rise: 20ºC (PSH3027), 30ºC (PSH3018,PSH4028,PSH5028,PSH6022), 40ºC (PSH5018)]
[Isat base on ∆L/L0A=35%]


Similar Part No. - PSH4028-270N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSH4028-270N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com