Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSQ0805-2R2M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PSQ0805-2R2M
Description  SMD Power Inductors Unshielded
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSQ0805-2R2M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PSQ0805-2R2M Datasheet HTML 1Page - PREMO CORPORATION S.L PSQ0805-2R2M Datasheet HTML 2Page - PREMO CORPORATION S.L PSQ0805-2R2M Datasheet HTML 3Page - PREMO CORPORATION S.L PSQ0805-2R2M Datasheet HTML 4Page - PREMO CORPORATION S.L PSQ0805-2R2M Datasheet HTML 5Page - PREMO CORPORATION S.L PSQ0805-2R2M Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PSQ0703
&
PSQ0805














SMD
Power
Inductors
Unshielded






































C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD
Power
Inductors


















































P
PP R
R
R E
EE M
M
M O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
20ºC max. (PSQ0703)
a.- Temp. rise
40ºC max. (PSQ0805)
Current cause inductance drop within 10%
b.- Rated current
Base on temp. rise & ∆L/L0A = 30% typ.
c.- Storage temp. : -40ºC ~ +125ºC
d.- Operating temp. : -40ºC ~ +105ºC
e.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PSQ0703
(1µH
–
1000µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(Ω)
max.
Irms1
(mA)
∆T=20ºC
max.
Irms2
(mA)
∆T=40ºC
max.
PSQ0703 – 1R0M
1.0±20%
25
100
7.96
160.0
0.042
2200
3200
PSQ0703 – 1R2M
1.2±20%
25
100
7.96
145.0
0.047
2000
3000
PSQ0703 – 1R8M
1.8±20%
25
100
7.96
105.0
0.052
1900
2700
PSQ0703 – 2R2M
2.2±20%
24
100
7.96
95.0
0.060
1800
2600
PSQ0703 – 2R7M
2.7±20%
23
100
7.96
80.0
0.065
1700
2500
PSQ0703 – 3R3M
3.3±20%
23
100
7.96
65.0
0.075
1650
2350
PSQ0703 – 3R9M
3.9±20%
22
100
7.96
70.0
0.080
1580
2250
PSQ0703 – 4R7M
4.7±20%
20
100
7.96
60.0
0.100
1500
2100
PSQ0703 – 5R6M
5.6±20%
20
100
7.96
56.0
0.105
1400
2000
PSQ0703 – 6R8M
6.8±20%
20
100
7.96
45.0
0.115
1300
1900
PSQ0703 – 8R2M
8.2±20%
20
100
7.96
40.0
0.150
1100
1500
PSQ0703 – 100K
10.0±10%
23
100
2.52
36.0
0.170
1000
1400
PSQ0703 – 120K
12.0±10%
20
100
2.52
36.0
0.180
900
1300
PSQ0703 – 150K
15.0±10%
23
100
2.52
30.0
0.240
750
1120
PSQ0703 – 180K
18.0±10%
20
100
2.52
30.0
0.280
700
1050
PSQ0703 – 220K
22.0±10%
20
100
2.52
26.0
0.300
650
950
PSQ0703 – 270K
27.0±10%
20
100
2.52
20.0
0.400
600
880
PSQ0703 – 330K
33.0±10%
17
100
2.52
20.0
0.450
560
820
PSQ0703 – 390K
39.0±10%
18
100
2.52
18.0
0.550
500
730
PSQ0703 – 470K
47.0±10%
20
100
2.52
15.0
0.720
400
640
PSQ0703 – 560K
56.0±10%
20
100
2.52
13.0
0.800
390
600
PSQ0703 – 680K
68.0±10%
18
100
2.52
13.0
0.900
380
560
PSQ0703 – 820K
82.0±10%
18
100
2.52
12.0
1.180
330
470
PSQ0703 – 101K
100.0±10%
33
100
0.796
11.0
1.560
270
400
PSQ0703 – 121K
120.0±10%
32
100
0.796
10.0
1.750
260
365


Similar Part No. - PSQ0805-2R2M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSQ60 WALL-PSQ60 Datasheet
159Kb / 3P
   60 Watt Quad Output AC/DC Power Supply
PSQ60-B WALL-PSQ60-B Datasheet
159Kb / 3P
   60 Watt Quad Output AC/DC Power Supply
PSQ60-C WALL-PSQ60-C Datasheet
159Kb / 3P
   60 Watt Quad Output AC/DC Power Supply
PSQ60-D WALL-PSQ60-D Datasheet
159Kb / 3P
   60 Watt Quad Output AC/DC Power Supply
PSQLF100 WALL-PSQLF100 Datasheet
120Kb / 4P
   AC/DC LED Switching Power Supplies
More results

Similar Description - PSQ0805-2R2M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com