Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4530-222M Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PS4530-222M
Description  SMD Power Inductors Shielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS4530-222M Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PS4530-222M Datasheet HTML 1Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 2Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 3Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 4Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 5Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 6Page - PREMO CORPORATION S.L PS4530-222M Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PS1608
PS1608
PS1608
PS1608 & PS4530
PS4530
PS4530
PS4530
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
7. Packaging Information
P: 8mm
4mm
Leader
Components
Trailer
no component
no component
160 mm min.
400 mm min.
User direction of feed
PS1608
Dimensions [mm]
Style
A
B
C
D
G
N
T
07 – 12
178
21±0.8
13
12
14
+0
50
-0
16.5
13 – 12
330
21±0.8
13±0.5
12
14
+0
50
-0
18.4
PS4530
Dimensions [mm]
Style
A
B
C
D
G
N
T
07 – 12
178
21±0.8
13
12
14
+0
50
-0
16.5
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
PS1608
600
250
07 – 12
24,000
10.5
42 x 41 x 24
PS1608
2,500
1,050
13 – 12
20,000
8.5
40 x 40 x 24
PS4530
600
250
07 – 12
24,000
8.0
42 x 41 x 24


Similar Part No. - PS4530-222M

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS4530 PERICOM-PS4530 Datasheet
263Kb / 16P
   Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530CAP PERICOM-PS4530CAP Datasheet
263Kb / 16P
   Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530CWP PERICOM-PS4530CWP Datasheet
263Kb / 16P
   Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530EAP PERICOM-PS4530EAP Datasheet
263Kb / 16P
   Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530EWP PERICOM-PS4530EWP Datasheet
263Kb / 16P
   Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
More results

Similar Description - PS4530-222M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com