Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH45-681K Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # CDH45-681K
Description  SMD Power Inductors Unshielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH45-681K Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

Back Button CDH45-681K Datasheet HTML 2Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 3Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 4Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 5Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 6Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 7Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 8Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 9Page - PREMO CORPORATION S.L CDH45-681K Datasheet HTML 10Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDH3216 , CDH32 , CDH3225 ,
CDH3226 , CDH45 , CDH45A &
CDH45B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
CDH45 (1µH – 2200µH)
CDH45 – 681K
680.0±10%
45
0.001
0.796
3.5
16.800
75
90
CDH45 – 821K
820.0±10%
50
0.001
0.796
2.8
20.000
70
85
CDH45 – 102K
1000.0±10%
30
0.001
0.252
2.5
30.000
60
70
CDH45 – 122K
1200.0±10%
30
0.001
0.252
2.3
33.500
45
60
CDH45 – 152K
1500.0±10%
35
0.001
0.252
2.0
38.500
40
55
CDH45 – 182K
1800.0±10%
35
0.001
0.252
1.8
44.000
35
50
CDH45 – 222K
2200.0±10%
30
0.001
0.252
1.6
63.000
30
40
CDH45A (1µH – 2200µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(MHz)
SRF
(MHz)
min.
RDC
(
Ω)
max.
IDC
(mA)
max.
CDH45A – 1R0M
1.0±20%
1
120.0
0.20
500
CDH45A – 1R2M
1.2±20%
1
100.0
0.20
500
CDH45A – 1R5M
1.5±20%
1
85.0
0.30
500
CDH45A – 1R8M
1.8±20%
1
75.0
0.30
500
CDH45A – 2R2M
2.2±20%
1
62.0
0.30
500
CDH45A – 2R7M
2.7±20%
1
53.0
0.32
500
CDH45A – 3R3M
3.3±20%
1
47.0
0.35
500
CDH45A – 3R9M
3.9±20%
1
41.0
0.38
500
CDH45A – 4R7M
4.7±20%
1
38.0
0.40
500
CDH45A – 5R6M
5.6±20%
1
33.0
0.47
500
CDH45A – 6R8M
6.8±20%
1
31.0
0.50
450
CDH45A – 8R2M
8.2±20%
1
27.0
0.56
450
CDH45A – 100M
10.0±20%
1
23.0
0.56
400
CDH45A – 120M
12.0±20%
1
21.0
0.62
380
CDH45A – 150M
15.0±20%
1
19.0
0.73
360
CDH45A – 180M
18.0±20%
1
17.0
0.82
340
CDH45A – 220K
22.0±10%
1
15.0
0.94
320
CDH45A – 270K
27.0±10%
1
14.0
1.10
300
CDH45A – 330K
33.0±10%
1
12.0
1.20
270
CDH45A – 390K
39.0±10%
1
11.0
1.40
240
CDH45A – 470K
47.0±10%
1
10.0
1.50
220
CDH45A – 560K
56.0±10%
1
9.3
1.70
200
CDH45A – 680K
68.0±10%
1
8.4
1.90
180
CDH45A – 820K
82.0±10%
1
7.5
2.20
170
CDH45A – 101K
100.0±10%
1
6.8
2.50
160


Similar Part No. - CDH45-681K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH40D11 SUMIDA-CDH40D11 Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-100M SUMIDA-CDH40D11SMBNP-100M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-120M SUMIDA-CDH40D11SMBNP-120M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-150M SUMIDA-CDH40D11SMBNP-150M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-180M SUMIDA-CDH40D11SMBNP-180M Datasheet
140Kb / 2P
   Power Inductors
More results

Similar Description - CDH45-681K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com