Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS0908-472L Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PS0908-472L
Description  SMD Power Inductors Shielded
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS0908-472L Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PS0908-472L Datasheet HTML 1Page - PREMO CORPORATION S.L PS0908-472L Datasheet HTML 2Page - PREMO CORPORATION S.L PS0908-472L Datasheet HTML 3Page - PREMO CORPORATION S.L PS0908-472L Datasheet HTML 4Page - PREMO CORPORATION S.L PS0908-472L Datasheet HTML 5Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PS0908
PS0908
PS0908
PS0908
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Temp. rise : 40ºC max.
b.- Rated current : Base on temp. rise & ∆L/L0A = 10% max.
c.- Storage temp. : -40ºC ~ +125ºC
d.- Operating temp. : -40ºC ~ +105ºC
e.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PS
PS
PS
PS0908
0908
0908
0908 (1.5µH – 15000µH)
Test Freq.
DWG No.
Inductance
(
µµµµH)
Q
nom.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(
Ω)
max.
IDC
(mA)
max.
PS0908 – 1R5M
1.5±20%
20
1
7.96
65.00
0.014
5600
PS0908 – 2R7M
2.7±20%
20
1
7.96
50.00
0.019
4800
PS0908 – 3R9M
3.9±20%
20
1
7.96
35.00
0.021
4400
PS0908 – 5R6M
5.6±20%
18
1
7.96
25.00
0.027
3800
PS0908 – 7R5M
7.5±20%
18
1
7.96
15.00
0.032
3400
PS0908 – 100M
10.0±20%
33
1
2.52
11.00
0.040
3000
PS0908 – 120M
12.0±20%
40
1
2.52
11.00
0.050
2500
PS0908 – 150M
15.0±20%
45
1
2.52
8.50
0.065
2200
PS0908 – 180M
18.0±20%
40
1
2.52
8.50
0.075
2000
PS0908 – 220M
22.0±20%
35
1
2.52
6.00
0.080
1900
PS0908 – 270M
27.0±20%
45
1
2.52
6.00
0.090
1800
PS0908 – 330M
33.0±20%
40
1
2.52
5.00
0.100
1700
PS0908 – 390M
39.0±20%
45
1
2.52
5.00
0.135
1500
PS0908 – 470M
47.0±20%
40
1
2.52
4.00
0.150
1400
PS0908 – 560M
56.0±20%
35
1
2.52
3.00
0.165
1350
PS0908 – 680M
68.0±20%
30
1
2.52
2.50
0.184
1250
PS0908 – 820M
82.0±20%
30
1
2.52
2.40
0.260
1050
PS0908 – 101L
100.0±15%
40
1
0.796
6.00
0.280
1000
PS0908 – 121L
120.0±15%
42
1
0.796
5.70
0.340
900


Similar Part No. - PS0908-472L

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
PS09 SCIOSENSE-PS09 Datasheet
384Kb / 3P
   PS09 – Soc for Weighing and Force Measurement
logo
Alpha Industries
PS094-315 ALPHA-PS094-315 Datasheet
543Kb / 3P
   LGA Packaged Phase Shifter for GSM Base Stations
logo
Skyworks Solutions Inc.
PS094-315 SKYWORKS-PS094-315 Datasheet
381Kb / 4P
   Voltage Controlled Phase Shifter 700-1200 MHz
logo
Emcore Corporation
PS095 EMCORE-PS095 Datasheet
159Kb / 2P
   2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
PS095 EMCORE-PS095 Datasheet
179Kb / 2P
   2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
More results

Similar Description - PS0908-472L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com