Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS6028-102M Datasheet(PDF) 6 Page - PREMO CORPORATION S.L

Part # PS6028-102M
Description  SMD Power Inductors Shielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS6028-102M Datasheet(HTML) 6 Page - PREMO CORPORATION S.L

  PS6028-102M Datasheet HTML 1Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 2Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 3Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 4Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 5Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 6Page - PREMO CORPORATION S.L PS6028-102M Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PS6028 , PS7032 & PS7045
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
6
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC (PS6028)
260±5ºC (PS7032, PS7045)
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±30%
Temperature : 85±2ºC (PS6028)
105±2ºC (PS7032, PS7045)
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by
1st
31/08/06
Update Specification
Pablo Pozo


Similar Part No. - PS6028-102M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS6020 ETC2-PS6020 Datasheet
462Kb / 4P
   20-outlet Vertical Power Strip with 15-ft. Cord
logo
Tripp Lite. All Rights ...
PS6020 TRIPPLITE-PS6020 Datasheet
46Kb / 3P
   20-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 60 in.
logo
Pan Jit International I...
PS602R PANJIT-PS602R Datasheet
52Kb / 2P
   FAST SWITCHING RECOVERY RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PS602R PANJIT-PS602R Datasheet
43Kb / 2P
   FAST SWITCHING RECTIFIERS
More results

Similar Description - PS6028-102M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com