Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-472-X Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # SC-472-X
Description  Common mode chokes with Nanocrystalline cores & Common mode chokes with Ferrite cores - SMD format
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SC-472-X Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  SC-472-X Datasheet HTML 1Page - PREMO CORPORATION S.L SC-472-X Datasheet HTML 2Page - PREMO CORPORATION S.L SC-472-X Datasheet HTML 3Page - PREMO CORPORATION S.L SC-472-X Datasheet HTML 4Page - PREMO CORPORATION S.L SC-472-X Datasheet HTML 5Page - PREMO CORPORATION S.L SC-472-X Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HC SERIES
Common mode chokes with Nanocrystalline cores
Electrical specifications
Features
-Nominal current in each winding (I): from 2A to 30A.
-Nominal inductance (L): from 6mH to 28mH.
-Rated voltage: 250Vac.
-Test voltage: 1.5kVac, winding to winding.
-Creepage distance: 3mm, winding to winding.
-Ambient temperature: from –40ºC to +50ºC.
-Storage temperature: from –40ºC to +120ºC.
-Plastic case: UL 94V-0 listed.
-According to UL 1283.
HC140-02V1
HC6R5-04V1
HC280-04V1
HC190-06V2
HC130-08V2
HC9R0-10V2
HC110-13V2
HC6R0-15V3
HC6R0-30V3
HC9R0-10H1
HC110-13H1
HC1R6-20H1
HC130-16H2
HC1R2-25H2
HC4R9-20H3
HC3R6-25H3
HC2R6-32H3
2
4
4.5
6
8
10
13
15
30
10
13
20
16
25
20
25
32
2 x 14
2 x 6,5
2 x 28
2 x 19
2 x 13
2 x 9
2 x 11
2 x 6
2 x 6
2 x 9
2 x 11
2 x 1,6
2 x 13
2 x 1,2
2 x 4.9
2 x 3,6
2 x 2,6
2 x 1,5
2 x 0,65
2 x 4,5
2 x 2,7
2 x 1,8
2 x 1,4
2 x 1,3
2 x 2,0
2 x 0,5
2 x 1,4
2 x 1,3
2 x 0,2
2 x 1,2
2 x 0,4
2 x 1,4
2 x 1,1
2 x 0,3
2000
1600
4500
3500
2000
1500
1600
1000
1000
1500
1600
250
1800
370
1600
1000
400
110
31,5
42
37
20
18
11
10
3
18
10
3
6,6
3
7
5,5
2,5
0,5
0,75
0,7
0,8
0,95
0,9
1,25
1,2
2,2
0,9
1,25
1,6
1,6
1,8
1,7
1,8
2,2
Code
IAC (A)
L (mH)
at 10kHz
+50% / -30%
L (mH)
at 100kHz
minimum
IZI (Ω)
at 100kHz
typical
Rdc (mΩ)
typical
ØPIN (mm)
±0,1
117


Similar Part No. - SC-472-X

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SC-472-X PREMO-SC-472-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
More results

Similar Description - SC-472-X

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SC-050-X PREMO-SC-050-X Datasheet
166Kb / 2P
   Common mode chokes with Ferrite cores-SMD format
PC470-3V1 PREMO-PC470-3V1 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PM400-04HA PREMO-PM400-04HA Datasheet
378Kb / 5P
   Common mode chokes with Ferrite cores
LF1922-752 PREMO-LF1922-752 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
ET2422H-683 PREMO-ET2422H-683 Datasheet
314Kb / 2P
   Common mode chokes with ET&UT cores
logo
FERYSTER Inductive Comp...
CMS4-11-3-4.8-4S2 FERYSTER-CMS4-11-3-4.8-4S2 Datasheet
76Kb / 9P
   SMD common mode chokes
logo
Central Technologies
CTACM CT-CTACM Datasheet
346Kb / 1P
   SMD Common Mode Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com