Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNN5022A-391K Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PNN5022A-391K
Description  SMD Power Inductors Unshielded
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PNN5022A-391K Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PNN5022A-391K Datasheet HTML 1Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 2Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 3Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 4Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 5Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PNN5022A & PNN5022B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PNN5022B (0.8μH – 100μH)
DWG No.
Inductance
(μH)
Test Freq.
L,Q
(KHz)
RDC
(mΩ)
±20%
Irms
(A)
max.
Isat
(A)
typ.
PNN5022B – R80M
0.80±20%
100
2.3
16.0
35.0
PNN5022B – 1R2M
1.20±20%
100
3.2
15.0
30.0
PNN5022B – 1R8M
1.80±20%
100
4.5
13.0
25.0
PNN5022B – 2R7M
2.70±20%
100
7.0
10.0
20.0
PNN5022B – 3R3M
3.30±20%
100
7.8
9.0
17.0
PNN5022B – 4R7M
4.70±20%
100
8.8
8.5
15.0
PNN5022B – 5R6M
5.60±20%
100
12.4
7.8
14.0
PNN5022B – 6R8M
6.80±20%
100
14.2
7.5
12.0
PNN5022B – 8R2M
8.20±20%
100
15.5
7.0
11.0
PNN5022B – 100M
10.00±20%
100
17.2
6.5
10.0
PNN5022B – 120L
12.00±15%
100
23.6
5.5
9.5
PNN5022B – 150L
15.00±15%
100
28.8
5.0
9.0
PNN5022B – 180L
18.00±15%
100
33.0
4.6
8.0
PNN5022B – 220L
22.00±15%
100
39.4
4.0
6.5
PNN5022B – 270L
27.00±15%
100
43.5
3.8
6.0
PNN5022B – 330L
33.00±15%
100
58.4
3.4
5.5
PNN5022B – 390K
39.00±10%
100
65.0
3.2
5.2
PNN5022B – 470K
47.00±10%
100
91.2
2.8
5.0
PNN5022B – 560K
56.00±10%
100
96.5
2.6
4.5
PNN5022B – 680K
68.00±10%
100
112.0
2.4
4.0
PNN5022B – 820K
82.00±10%
100
144.0
2.2
3.5
PNN5022B – 101K
100.00±10%
100
168.0
2.0
3.0
[L,Q tested at 0.1V] [Irms base on temp. rise 40ºC max.] [Ipk base on ∆L/L0A = 10% typ.]
6. Curve
Inductance VS. DC Current Curve
PNN5022A
PNN5022B


Similar Part No. - PNN5022A-391K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PNN1030 PREMO-PNN1030 Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-100M PREMO-PNN1030-100M Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-101K PREMO-PNN1030-101K Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-102K PREMO-PNN1030-102K Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-150M PREMO-PNN1030-150M Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
More results

Similar Description - PNN5022A-391K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com