Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNN5022A-391K Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PNN5022A-391K
Description  SMD Power Inductors Unshielded
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PNN5022A-391K Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PNN5022A-391K Datasheet HTML 1Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 2Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 3Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 4Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 5Page - PREMO CORPORATION S.L PNN5022A-391K Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PNN5022A & PNN5022B
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Temp. rise : 40ºC max.
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +105ºC
d.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PNN5022A (120μH – 1000μH)
DWG No.
Inductance
(μH)
Q
ref.
Test Freq.
L,Q
(KHz)
SRF
(MHz)
nom.
RDC
(mΩ)
max.
Irms
(A)
max.
Ipk
(A)
typ.
PNN5022A – 121K
120±10%
20
100
5.00
230
1.60
3.0
PNN5022A – 151K
150±10%
19
100
4.87
250
1.50
2.6
PNN5022A – 181K
180±10%
17
100
4.65
300
1.30
2.5
PNN5022A – 221K
220±10%
19
100
3.97
380
1.20
2.4
PNN5022A – 271K
270±10%
22
100
3.37
470
1.10
2.2
PNN5022A – 331K
330±10%
20
100
3.15
560
1.00
1.9
PNN5022A – 391K
390±10%
21
100
3.00
680
0.90
1.7
PNN5022A – 471K
470±10%
25
100
2.55
850
0.82
1.4
PNN5022A – 561K
560±10%
23
100
2.40
1000
0.78
1.3
PNN5022A – 681K
680±10%
25
100
2.50
1100
0.72
1.2
PNN5022A – 821K
820±10%
25
100
1.97
1400
0.64
1.1
PNN5022A – 102K
1000±10%
25
100
1.60
1800
0.56
1.0


Similar Part No. - PNN5022A-391K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PNN1030 PREMO-PNN1030 Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-100M PREMO-PNN1030-100M Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-101K PREMO-PNN1030-101K Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-102K PREMO-PNN1030-102K Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
PNN1030-150M PREMO-PNN1030-150M Datasheet
141Kb / 9P
   SMD Power Inductors Unshielded
More results

Similar Description - PNN5022A-391K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com