Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNN1305 Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PNN1305
Description  SMD Power Inductors Unshielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PNN1305 Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PNN1305 Datasheet HTML 1Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 2Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 3Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 4Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 5Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 6Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 7Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 8Page - PREMO CORPORATION S.L PNN1305 Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PNN6028 , PNN7045 , PNN1030 ,
PNN1045 & PNN1305
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PNN1030 (2.7µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PNN1030 – 2R7M
2.7±20%
13
100
7.96
73.6
0.028
3.00
4.20
PNN1030 – 4R7M
4.7±20%
13
100
7.96
49.5
0.040
2.60
3.50
PNN1030 – 6R8M
6.8±20%
15
100
7.96
38.1
0.052
2.20
2.80
PNN1030 – 100M
10.0±20%
15
100
2.52
33.1
0.064
2.00
2.40
PNN1030 – 150M
15.0±20%
18
100
2.52
25.7
0.100
1.65
1.85
PNN1030 – 220M
22.0±20%
20
100
2.52
22.3
0.145
1.38
1.60
PNN1030 – 330M
33.0±20%
16
100
2.52
16.4
0.200
1.10
1.25
PNN1030 – 470M
47.0±20%
10
100
2.52
14.2
0.270
0.96
1.10
PNN1030 – 680M
68.0±20%
12
100
2.52
12.2
0.360
0.82
0.90
PNN1030 – 101K
100.0±10%
14
100
0.796
9.3
0.540
0.70
0.75
PNN1030 – 151K
150.0±10%
23
100
0.796
7.9
0.700
0.60
0.58
PNN1030 – 221K
220.0±10%
23
100
0.796
6.2
1.150
0.46
0.48
PNN1030 – 331K
330.0±10%
25
100
0.796
5.1
1.700
0.38
0.40
PNN1030 – 471K
470.0±10%
20
100
0.796
3.8
2.250
0.28
0.32
PNN1030 – 681K
680.0±10%
18
100
0.796
3.2
3.300
0.23
0.27
PNN1030 – 102K
1000.0±10%
42
100
0.252
2.5
4.700
0.20
0.23
PNN1045 (2.7µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PNN1045 – 2R7M
2.7±20%
25
100
7.96
68.7
0.026
4.80
6.20
PNN1045 – 4R5M
4.5±20%
25
100
7.96
44.2
0.033
4.20
5.20
PNN1045 – 6R8M
6.8±20%
22
100
7.96
35.8
0.040
3.50
4.20
PNN1045 – 100M
10.0±20%
26
100
2.52
27.8
0.050
3.20
3.60
PNN1045 – 150M
15.0±20%
26
100
2.52
23.7
0.068
2.50
3.00
PNN1045 – 220M
22.0±20%
22
100
2.52
19.4
0.088
2.20
2.60
PNN1045 – 330M
33.0±20%
20
100
2.52
15.8
0.110
1.90
2.10
PNN1045 – 470M
47.0±20%
21
100
2.52
13.6
0.165
1.60
1.85
PNN1045 – 680M
68.0±20%
21
100
2.52
11.1
0.225
1.30
1.50
PNN1045 – 101K
100.0±10%
14
100
0.796
9.7
0.300
1.10
1.30
PNN1045 – 151K
150.0±10%
16
100
0.796
7.1
0.500
0.85
1.05
PNN1045 – 221K
220.0±10%
15
100
0.796
6.4
0.680
0.72
0.85
PNN1045 – 331K
330.0±10%
12
100
0.796
4.6
0.950
0.62
0.70
PNN1045 – 471K
470.0±10%
12
100
0.796
4.2
1.280
0.52
0.58
PNN1045 – 681K
680.0±10%
13
100
0.796
3.6
1.920
0.43
0.46
PNN1045 – 102K
1000.0±10%
25
100
0.252
2.9
2.700
0.38
0.40


Similar Part No. - PNN1305

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PNN5022A PREMO-PNN5022A Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-102K PREMO-PNN5022A-102K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-121K PREMO-PNN5022A-121K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-151K PREMO-PNN5022A-151K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-181K PREMO-PNN5022A-181K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
More results

Similar Description - PNN1305

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com