Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS0402-180+ Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # CS0402-180+
Description  Ceramic Chip Inductor 0402 High Q(1nH-120nH)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CS0402-180+ Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  CS0402-180+ Datasheet HTML 1Page - PREMO CORPORATION S.L CS0402-180+ Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - CS0402-180+

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CS0402GFX7R0BB103 YAGEO-CS0402GFX7R0BB103 Datasheet
2Mb / 19P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS0402GFX7R0BN103 YAGEO-CS0402GFX7R0BN103 Datasheet
2Mb / 19P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS0402GFX7R7BB103 YAGEO-CS0402GFX7R7BB103 Datasheet
2Mb / 19P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS0402GFX7R7BN103 YAGEO-CS0402GFX7R7BN103 Datasheet
2Mb / 19P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS0402GFX7R8BB103 YAGEO-CS0402GFX7R8BB103 Datasheet
2Mb / 19P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CS0402-180+

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS0805F PREMO-CS0805F Datasheet
360Kb / 2P
   Ceramic Chip Inductor 0805 High Q (2.2nH-1000nH)
CS1008F PREMO-CS1008F Datasheet
267Kb / 1P
   Ceramic Chip Inductor 1008 High Q (10nH-4700nH)
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
KOA Speer Electronics, ...
KQ1008TTE10NJ KOA-KQ1008TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
logo
Allied Components Inter...
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
   Ceramic Core High Q Chip Inductors
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com