Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SON-NS8ALF-04-1002 Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part No. SON-NS8ALF-04-1002
Description  TaNFilm Flat Precision Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SON-NS8ALF-04-1002 Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  SON-NS8ALF-04-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 3Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Ordering Data
Prefix
SON - N989
-
01
-
1002
-
F
B
Model
NS4A: 8-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS4ALF: 8-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS4B: 8-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS4BLF: 8-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS7A: 14-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS7ALF: 14-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS7B: 14-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS7BLF: 14-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS8A: 16-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS8ALF: 16-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS8B: 16-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS8BLF: 16-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
N959: 8-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N959LF: 8-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N954: 8-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N954LF: 8-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N989: 14-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N989LF: 14-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N987: 14-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N987LF: 14-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N999: 16-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N999LF: 16-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N998: 16-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N998LF: 16-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
TCR Code
01 = ±100ppm/°C Commercial Grade
02 = ±50ppm/°C Commercial Grade
03 = ±25ppm/°C Commercial Grade
04 = ±300ppm/°C Military Screened Characteristic M*
05 = ±100ppm/°C Military Screened Characteristic K*
06 = ±50ppm/°C Military Screened Characteristic H*
07 = ±25ppm/°C Military Screened Characteristic H*
Resistance Code
4-Digit resistance code
Ex: 1002 = 10KΩ; 49R9 = 49.9Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Optional R1 Ratio Tolerance Code
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%; Q = ±0.02%; T = ±0.01%
*Special Notes:
SON NSxx series screened per Group A MIL-PRF-55342
SON N9xx series screened per Group A MIL-PRF-83401
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
TaNFilm® Flat Precision
Resistor Array
SON Series Issue January 2009 Sheet 4 of 4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn