Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SON-NS8ALF-04-1002 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part No. SON-NS8ALF-04-1002
Description  TaNFilm Flat Precision Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRCTT [IRC - a TT electronics Company.]
Homepage  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SON-NS8ALF-04-1002 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  SON-NS8ALF-04-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 3Page - IRC - a TT electronics Company. SON-NS8ALF-04-1002 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
TaNFilm® Flat Precision
Resistor Array
Compatible with standard SOIC footprint (210 Series)
Standard Sn/Pb and Pb-free terminations
Superior temperature performance
Absolute tolerances to ±0.1%
Ratio tolerances to ±0.01%
SON Series
SON Series Issue January 2009 Sheet 1 of 4
Electrical Data
IRC’s TaNFilm® Small Outline Leadless Resistor Networks are
ideally suited for applications requiring precision, long term reliability
Manufacturing Capabilities
Resistance
Range
Available
Absolute Tolerances
Available
Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
Schematic A
10Ω - 24.9Ω
C D F G J
C D F G
±100 ppm/°C
±20 ppm/°C
25.0Ω - 49.9Ω
C D F G J
B C D F G
±50 ppm/°C
±10 ppm/°C
50Ω - 199Ω
B C D F G J
B C D F G
±25 ppm/°C
±5 ppm/°C
200Ω - 999Ω
B C D F G J
A B C D F G
±25 ppm/°C
±5 ppm/°C
1.0K - 25.0K
B D F G J
T Q A B D F G
±25 ppm/°C
±5 ppm/°C
25.1K - 100K
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Schematic B
10Ω - 24.9Ω
C D F G J
D F G
±100 ppm/°C
±25ppm/°C
25Ω - 49.9Ω
C D F G J
C D F G
±50 ppm/°C
±15ppm/°C
50Ω - 199Ω
B C D F G J
B C D F G
±25 ppm/°C
±10ppm/°C
200Ω - 50KΩ
B C D F G J
A B C D F G
±25 ppm/°C
±5ppm/°C
and stability in a small area. Its monolithic construction eliminates vulnerable terminations such as solder
connections. The SON package is ideal for the all surface mount production reflow techniques while still
possessing all the unique qualities of our TaNFilm® thin film system. Testing has demonstrated
performance exceeding MIL-PRF-83401 Characteristic H.
Package
Power Rating at 70°C
Temperature
Range
Maximum Voltage
Noise
Substrate
Termination
Element
Network
8-Pad
100mW
400mW
-55°C to +150°C
PxR
(not to exceed 50V )
< -25dB
99.5%
Alumina
Solder Plated Over
Nickel Barrier
14-Pad
100mW
700mW
16-Pad
100mW
800mW


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn