Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH50-100M Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # CDH50-100M
Description  SMD Power Inductors Unshielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

CDH50-100M Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  CDH50-100M Datasheet HTML 1Page - PREMO CORPORATION S.L CDH50-100M Datasheet HTML 2Page - PREMO CORPORATION S.L CDH50-100M Datasheet HTML 3Page - PREMO CORPORATION S.L CDH50-100M Datasheet HTML 4Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDH50
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation
3
7. Packaging Information
P: 8mm
4mm
Leader
Components
Trailer
no component
no component
160 mm min.
400 mm min.
User direction of feed
Dimensions [mm]
Style
A
B
C
D
G
N
T
13 – 16
330
21±0.8
13±0.5
16
18+0
50-0
22.4
Inner : Reel
Outer : Carton
Series
Q’TY(pcs)
G.W.(gw)
Style
Q’TY(pcs)
G.W.(Kg)
Size(cm)
CDH50
1,200
1,300
13 – 16
7,200
13.0
40 x 40 x 24
8. Labelling


Similar Part No. - CDH50-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH50D48 SUMIDA-CDH50D48 Datasheet
146Kb / 3P
   Ferrite drum core construction
CDH50D48 SUMIDA-CDH50D48 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDH50D48NP-101KC SUMIDA-CDH50D48NP-101KC Datasheet
146Kb / 3P
   Ferrite drum core construction
CDH50D48NP-101KC SUMIDA-CDH50D48NP-101KC Datasheet
146Kb / 3P
   SMD Power Inductor
CDH50D48NP-102KC SUMIDA-CDH50D48NP-102KC Datasheet
146Kb / 3P
   Ferrite drum core construction
More results

Similar Description - CDH50-100M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com