Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCA-WCC-08-04-102-F-P Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WCA-WCC-08-04-102-F-P
Description  Thickfilm Chip Array Resistor Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WCA-WCC-08-04-102-F-P Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WCA-WCC-08-04-102-F-P Datasheet HTML 1Page - IRC - a TT electronics Company. WCA-WCC-08-04-102-F-P Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
Power Derating Curve
Thickfilm Chip Array
Resistor Network
Ordering Data
Sample Part No.
Prefix
WCC
Terminal Count
08 = 8 Pins
Resistor Count
04 = 4 Isolated Resistors
Resistance Value
First 2 significant digits plus 3rd digit multiplier)
Example: 102 = 1,000 ohms
Tolerance
( F = ±1%; J = ±5%)
Packaging Code
P = Paper Tape, Tape & Reel
(5000 per Reel)
WCA - WCC - 08 - 04 - 102 - J - PLT
50
70
125
100
50
0
Ambient Temperature (°C)
30
WCC Series Issue September 2008 Sheet 2 of 2


Similar Part No. - WCA-WCC-08-04-102-F-P

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WCA-0804-1002-JPLT IRCTT-WCA-0804-1002-JPLT Datasheet
160Kb / 2P
   WCA Series
More results

Similar Description - WCA-WCC-08-04-102-F-P

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com