Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-RFH72LF-C300OHMF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-RFH72LF-C300OHMF
Description  High Frequency Surface Mount Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFH72LF-C300OHMF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-RFH72LF-C300OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFH72LF-C300OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFH72LF-C300OHMF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFX Series Issue January 2009 Sheet 2 of 3
High Frequency
Surface Mount Terminators
S11, RFH72LFC100F
5 Aug 2004 17:30:09
11
1 U FS
1: 113.85 W
-34.949 W
4.5539 pF
1 000. 000 000 MHz
2: 98.926 W
-42.762 W
2 GHz
3: 94.793 W
-41.504 W
3 GHz
4: 101.49 W
-33.52 W
4 GHz
5: 98.43 W
-28.801 W
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
CH1 S
PRm
Cor
1
5
S11, RFH72LFC150F
5 Aug 2004 17:30:09
11
1 U FS
1: 113.85 W
-34.949 W
4.5539 pF
1 000. 000 000 MHz
2: 98.926 W
-42.762 W
2 GHz
3: 94.793 W
-41.504 W
3 GHz
4: 101.49 W
-33.52 W
4 GHz
5: 98.43 W
-28.801 W
5 GHz
START
.030 000 MHz
STOP 6 000. 000 000 MHz
CH1 S
PRm
Cor
1
5
S11, RFH72LFC500F
1 Jul 2004 16:30:26
11
1 U FS
1: 51.916 W
0.0703 W
11.19 ph
1 000. 000 000 MHz
2: 53.658 W
-1.4375 W
1.5 GHz
3: 54.947 W
-4.5469 W
2 GHz
4: 54.627 W
-9.8371 W
2.5 GHz
5: 51.523 W
-13.814 W
3 GHz
CENTER 1 500. 015 000 MHz
SPAN 2 999. 970 000 MHz
CH1 S
PRm
Cor
1
5
VSWR, RFH72LFC500F
1
2
3
4
5
5 Jul
2004
19:15:00
11
SWR
100 m / REF 1
1
1.0153
1 000 000 000 MHz
2: 1.022
1.5 GHz
3: 1.0365
2 GHz
4: 1.051
2.5 GHz
5: 1.0633
3 GHz
CH1 S
PRm
Cor
CENTER 1 500 015 000 MHz
SPAN 2 999 970 000 MHz
Frequency Performance Data
Resistor surface
Resistor surface
Terminals
Terminals
Temperature Rise
RFH72LFC101F on 0.8mm Glass Teflon PWB
Resistor surface
Resistor surface
Terminals
Terminals
40
20
80
100
Applied Power (W)
160
140
120
60
180
0
1
2
3
4
5
6
7
8
9
10
Temperature Rise
RFH72LFC101F on attached heat sink
40
20
80
100
Applied Power (W)
160
140
120
60
180
0
2
4
6
8 10 12 14 16 18 20
Resistor Surface
Terminals
Resistor Surface
Terminals
Thermal Data


Similar Part No. - HFR-RFH72LF-C300OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01030 IRCTT-HFR-RFA100LF-01030 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01220 IRCTT-HFR-RFA100LF-01220 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01230 IRCTT-HFR-RFA100LF-01230 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-02020 IRCTT-HFR-RFA100LF-02020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFH72LF-C300OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
PFC-W0402HF-01-50R0-K IRCTT-PFC-W0402HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
HFR-PCS0816SLF-50R0 IRCTT-HFR-PCS0816SLF-50R0 Datasheet
234Kb / 2P
   Fixed Surface Mount Microwave Line Terminators
logo
RHOPOINT COMPONENTS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
   HIGH POWER TERMINATORS
logo
IRC - a TT electronics ...
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 08-Jan-15
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
   High Frequency, Surface Mount, Molded
Revision 10-Sep-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com