Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT2-30001002J Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # RGT2-30001002J
Description  Thick Film Temperature Compensation Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RGT2-30001002J Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  RGT2-30001002J Datasheet HTML 1Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 2Page - IRC - a TT electronics Company. RGT2-30001002J Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RGT Series
Superior linearity
Stable thick-film technology
Negative temperature coefficient
Effective compensation for positive TC devices, semiconductors, and copper
Thick Film Temperature
Compensation Resistor
Specifications
Temperature
Coefficient
Resistance
Ratio
Linearity
Standard Resistance
Values
Std. Resistance
Tol. @ 25°C
-0.30%/°C (minus
3000 ppm/°C @ 25°C)
R25°C/R125°C =
1.37
<1.2% deviation per 100°C
(typical over range from -55°C to 140°C)
740, 1K and 10K. Others
available
±2%, ±5%, ±10%
Operating
Temperature
Range
High Temp
Stability
Time Constraints
Dissipation Constants
Element
-55°C to + 175°C
2000 hours @
175°C, <0.5%
∆R
7.4 sec for RGT-1,
2.9 sec. for RGT-2
(time to achieve 63.2% of an applied
step-change in temperature in still air)
8.1mW/°C for RGT-1,
4.7mW°C for RGT-2
(power required to raise sensor temperature
1°C in a still air ambient of 25°C)
fused thick-film
composition
Substrate
Lead Pull
Resistance to
Soldering Heat
Marking Resistance
to Solvents
Lead
Solderability
solid-core alumina
ceramic
5 lbs for 5 sec.
MIL-STD-202E, Method
210A, cond. A, <0.5%
∆R
MIL-STD-202, Method 215
MIL-STD-202,
Method 208
Temperature
G Tol.
J Tol.
K Tol.
-55°C
-15°C
0°C
25°C
50°C
75°C
100°C
125°C
150°C
175°C
-67°F
+9°F
+32°F
77°F
122°F
167°F
212°F
257°F
302°F
347°F
7%
4.5%
3.6%
±2%
2.5%
3.0%
3.5%
4.0%
4.5%
5.0%
10%
7.5%
6.6%
±5%
5.5%
6.0%
6.5%
7.0%
7.5%
8.0%
15%
12.5%
11.6%
±10%
10.5%
11.0%
11.5%
12.0%
12.5%
13.0%
Applications
Curve Tolerances (±)
Compensates transistors, diodes,
sensors, transducers, hall devices,
microprocessors, and strain gauges.
Proven in automotive under-hood use.
Exclusive thick film process
results in a very linear, negative,
3000 ppm/°C resistance
temperature characteristic
Digital Marking
High conductivity plate-on
nickel termination
Tin-lead electroplated
copper leads
Heat conducting
ceramic substrate
RGT Series Issue December 2008 Sheet 1 of 3


Similar Part No. - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT20NL65 ROHM-RGT20NL65 Datasheet
709Kb / 10P
   650V 10A Field Stop Trench IGBT
2019.04 - Rev.A
More results

Similar Description - RGT2-30001002J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CHPHT VISHAY-CHPHT Datasheet
91Kb / 6P
   High Temperature (245 °C) Thick Film Chip Resistor
Revision: 21-Jul-14
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
Vishay Siliconix
CRA06S083100RJTA VISHAY-CRA06S083100RJTA Datasheet
130Kb / 4P
   Thick Film Resistor Array
Revision: 13-Oct-08
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
   Thick Film, Resistor Array
Revision: 09-Jan-07
CRA12E VISHAY-CRA12E Datasheet
173Kb / 5P
   Thick Film Resistor Array
Revision: 13-Oct-08
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com