Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2608 Datasheet(PDF) 17 Page - BOSER Technology Co., Ltd

Part # HS-2608
Description  ULV Intel짰 Celeron짰 Processor Embedded Engine Board
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2608 Datasheet(HTML) 17 Page - BOSER Technology Co., Ltd

Back Button HS-2608 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-2608 Datasheet HTML 21Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
11
2. Locate the Pin 1 location on your DiskOnChip
 module. More
often than not, Pin 1 can be found on the lower left corner of the
chip. Please refer to the diagram for the exact location.
3. Once you have figured out where the pin 1 locations are on both
chip and socket, align the module’s pins on an upright angle
against the socket. Using both thumbs, gently press the module
into the socket until all the pins are secured to their
designations.
Pin 1
Location
DiskO
nChip
4. The installation is now complete and your module is now ready
for use.
NOTE:
If you encounter difficulty installing your DiskOnChip
module,
please consult a qualified technician or engineer to perform the
installation.
3.7.2 Removing DiskOnChip
 Modules
When removing a DiskOnChip
 module from its socket, please take
note of the following:
1. Loosen the contact of the module from its socket using a
screwdriver.
2. Insert the screwdriver’s flat head into a gap on either end of the
socket. Do not insert the screwdriver head on either side where
the pins are located. Doing so might damage the pins in the
process.
3. Slowly lift the screwdriver handle upwards. This will disengage
the module from its socket.
NOTE:
If you encounter difficulty removing your DiskOnChip
module,
please consult a qualified technician or engineer to remove it for
you.


Similar Part No. - HS-2608

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608 Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
HS-2608 BOSER-HS-2608 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
HS-2608/400MHz BOSER-HS-2608/400MHz Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
HS-2608/650MHz BOSER-HS-2608/650MHz Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
More results

Similar Description - HS-2608

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
AAEON Technology
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
   Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
HS-2608 BOSER-HS-2608 Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com