Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2606 Datasheet(PDF) 37 Page - BOSER Technology Co., Ltd

Part # HS-2606
Description  ULV Intel짰 Celeron짰 processor Embedded Engine Board
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2606 Datasheet(HTML) 37 Page - BOSER Technology Co., Ltd

Back Button HS-2606 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-2606 Datasheet HTML 41Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
31
4.11 Change Supervisor/User Password
AMIBIOS HIFLEX SETUP UTILITY – VERSION x.xx
(C)2001 American Megatrends, Inc. All Rights Reserved
Standard CMOS Setup
Advanced CMOS Setup
Advanced Chipset Setup
Power Management Setup
Enter new supervisor password: _
Change Supervisor Password
Auto Configuration with Optimal Settings
Auto Configuration with Fail Safe Settings
Save Settings and Exit
Exit Without Saving
Change the Supervisor Password
ESC: Exit
:Sel F2/F3: Color F10: Save & Exit
You can set either supervisor or user password, or both of them. The
differences are:
supervisor password: can enter and change the options of the setup
menus.
user password: just can only enter but do not have the right to change the
options of the setup menus.
When you select this function, the following message will appear at the
center of the screen to assist you in creating a password.
ENTER PASSWORD:
Type the password, up to eight characters in length, and press
<Enter>. The password typed now will clear any previously entered
password from CMOS memory. You will be asked to confirm the
password. Type the password again and press <Enter>. You may
also press <Esc> to abort the selection and not enter a password.
To disable a password, just press <Enter> when you are prompted to
enter the password. A message will confirm the password will be
disabled. Once the password is disabled, the system will boot and you
can enter Setup freely.


Similar Part No. - HS-2606

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606 Datasheet
146Kb / 1P
   Eden/ULV Intel Celeron processor Embedded Engine Board with CF, PCMCIA, CRT/Panel, TV-Out, LAN, Audio, USB2.0
HS-2606 BOSER-HS-2606 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-2606/650MHz BOSER-HS-2606/650MHz Datasheet
146Kb / 1P
   Eden/ULV Intel Celeron processor Embedded Engine Board with CF, PCMCIA, CRT/Panel, TV-Out, LAN, Audio, USB2.0
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
More results

Similar Description - HS-2606

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
AAEON Technology
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
   Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
HS-2608 BOSER-HS-2608 Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com