Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2604 Datasheet(PDF) 33 Page - BOSER Technology Co., Ltd

Part # HS-2604
Description  EDEN Embedded Engine Board
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2604 Datasheet(HTML) 33 Page - BOSER Technology Co., Ltd

Back Button HS-2604 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-2604 Datasheet HTML 37Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
27
3.22 PC/104 Connectors
The PC/104 expansion bus offers provisions to connect all types of
PC/104 modules. With the PC/104 bus being known as the new
generation of industrial embedded 16-bit PC standard bus, thousands
of PC/104 modules from multiple venders can be easily installed
onboard. The detailed pin assignment of the PC/104 expansion bus
connectors CN2 and CN3 are listed on the following tables:
NOTE: The PC/104 connector allows direct plugging or stack-through
piling of PC/104 modules without requiring the PC/104 mounting
kit.
CN2: PC/104 40-pin Connector
PIN
Description PIN Description
1
GND
21
GND
2
-MEMCS16
22
-SBHE
3
-IOSC16
23
LA23
4
IRQ10
24
LA22
5
IRQ11
25
LA21
6
IRQ12
26
LA20
7
IRQ15
27
LA19
8
IRQ14
28
LA18
9
-DACK0
29
LA17
10
DRQ0
30
-MEMR
11
-DACK5
31
-MEMW
12
DRQ5
32
SD8
13
-DACK6
33
SD9
14
DRQ6
34
SD10
15
-DACK7
35
SD11
16
DRQ7
36
SD12
17
+5V
37
SD13
18
-MASTER
38
SD14
19
GND
39
SD15
20
GND
40
N/C
Connector diagram
rotated 90 degrees
clockwise from
original position
121
40
20


Similar Part No. - HS-2604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
More results

Similar Description - HS-2604

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
HS-2605 BOSER-HS-2605_1 Datasheet
3Mb / 82P
   EDEN Embedded Engine Board
HS-2606 BOSER-HS-2606_1 Datasheet
5Mb / 74P
   Eden Embedded Engine Board
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
BOSER Technology Co., L...
HS-2605 BOSER-HS-2605 Datasheet
444Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, LAN, Audio
HS-4701 BOSER-HS-4701 Datasheet
3Mb / 64P
   Pentium짰 4 Embedded Engine Board
HS-2607 BOSER-HS-2607 Datasheet
155Kb / 1P
   Eden processor Embedded Engine Board with CF, CRT/Panel, TV-Out, Dual LAN, Audio, USB2.0
logo
List of Unclassifed Man...
HS-2603 ETC-HS-2603 Datasheet
308Kb / 1P
   Cyrix Geode GX1 Embedded Engine Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com